Electronic Components Datasheet Search
  English  ▼

X  

RF5515 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5515
Description  4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5515 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5515 Datasheet HTML 1Page - RF Micro Devices RF5515 Datasheet HTML 2Page - RF Micro Devices RF5515 Datasheet HTML 3Page - RF Micro Devices RF5515 Datasheet HTML 4Page - RF Micro Devices RF5515 Datasheet HTML 5Page - RF Micro Devices RF5515 Datasheet HTML 6Page - RF Micro Devices RF5515 Datasheet HTML 7Page - RF Micro Devices RF5515 Datasheet HTML 8Page - RF Micro Devices RF5515 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF5515
DS111025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
2.2mm x 2.2mm x 0.5mm
Pin
Function
Description
1RF IN
RF Input. Input is matched to 50
 and DC block is provided internally.
2NC
No Connect
3LNA_EN
LNA Enable. Voltage which is a high impedance pin could require bypassing depending on the nature of the sup-
ply voltage and the layout.
4NC
No Connect
5RF OUT
RF Output. This pin is matched to 50
 internally and it is a DC short to GND. See functional block diagram for
more details.
6NC
No Connect
7VDD
Supply Voltage for the LNA circuit. It is recommended that bypass capacitors are placed on this voltage line as
needed depending on the nature of the supply voltage and layout.
8NC
No Connect
Pkg
Base
GND
The center metal base of the QFN package provides DC and RF ground as well as heat sink for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com