Electronic Components Datasheet Search
  English  ▼

X  

RF5515 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5515
Description  4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5515 Datasheet(HTML) 8 Page - RF Micro Devices

  RF5515 Datasheet HTML 1Page - RF Micro Devices RF5515 Datasheet HTML 2Page - RF Micro Devices RF5515 Datasheet HTML 3Page - RF Micro Devices RF5515 Datasheet HTML 4Page - RF Micro Devices RF5515 Datasheet HTML 5Page - RF Micro Devices RF5515 Datasheet HTML 6Page - RF Micro Devices RF5515 Datasheet HTML 7Page - RF Micro Devices RF5515 Datasheet HTML 8Page - RF Micro Devices RF5515 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF5515
DS111025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
PCB Stencil Pattern
Note: Thermal vias for center slug “C” should be incorporated into the PCB design. The number and size of thermal vias will
depend on the application. Example of the number and size of vias can be found on the RFMD evaluation board layout.



Html Pages

1 2 3 4 5 6 7 8 9