Electronic Components Datasheet Search
  English  ▼

X  

RF5515 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5515
Description  4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5515 Datasheet(HTML) 7 Page - RF Micro Devices

  RF5515 Datasheet HTML 1Page - RF Micro Devices RF5515 Datasheet HTML 2Page - RF Micro Devices RF5515 Datasheet HTML 3Page - RF Micro Devices RF5515 Datasheet HTML 4Page - RF Micro Devices RF5515 Datasheet HTML 5Page - RF Micro Devices RF5515 Datasheet HTML 6Page - RF Micro Devices RF5515 Datasheet HTML 7Page - RF Micro Devices RF5515 Datasheet HTML 8Page - RF Micro Devices RF5515 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
RF5515
DS111025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3 micro-
inch to 8 micro-inch gold over 180 micro-inch nickel.
PCB Land Pattern Recommendation *
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land Pattern
PCB Solder Mask Pattern



Html Pages

1 2 3 4 5 6 7 8 9