Electronic Components Datasheet Search
  English  ▼

X  

RF5515 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5515
Description  4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5515 Datasheet(HTML) 9 Page - RF Micro Devices

  RF5515 Datasheet HTML 1Page - RF Micro Devices RF5515 Datasheet HTML 2Page - RF Micro Devices RF5515 Datasheet HTML 3Page - RF Micro Devices RF5515 Datasheet HTML 4Page - RF Micro Devices RF5515 Datasheet HTML 5Page - RF Micro Devices RF5515 Datasheet HTML 6Page - RF Micro Devices RF5515 Datasheet HTML 7Page - RF Micro Devices RF5515 Datasheet HTML 8Page - RF Micro Devices RF5515 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF5515
DS111025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.





















)UHTXHQF\ 0+]
Typical IIP3 versus Frequency V
DD = 3.0,
LNA_EN = 3.0V, over Temperature Range
,,3 DWƒ&
,,3DWƒ&
,,3DWƒ&
,,3 DWƒ&
,,3DWƒ&















)UHTXHQF\ 0+]
Typical I
DD versus Frequency VDD = 3.0,
LNA_EN = 3.0V, over Temperature Range
,'' DW ƒ&
,'' DW ƒ&
,'' DWƒ&
,'' DW ƒ&
,'' DW ƒ&





















)UHTXHQF\ 0+]
Typical NF versus Frequency V
DD = 3.0,
LNA_EN = 3.0V, over Temperature Range
1) DWƒ&
1)DWƒ&
1) DW ƒ&
1) DWƒ&
1)DWƒ&



















3287 G%P
Typical P
IN versus POUT at 5.45GHz at VDD = 3.0,
LNA_EN = 3.0V, over Temperature Range
3,1 YHUVXV3287 DW ƒ&
3,1 YHUVXV3287 DW ƒ&
3,1 YHUVXV3287 DW ƒ&
3,1 YHUVXV3287 DWƒ&
3,1 YHUVXV3287 DW ƒ&
0
2
4
6
8
10
12
14
16
18
20
4900
5000
5100
5200
5300
5400
5500
5600
5700
5800
Frequency(MHz)
Typical Gain versus Frequency V
DD = 3.0, LNA_EN = 3.0V,
at P,1 -25 dBm, Rver 7empHUDWXUH 5ange
Gain DW +85ƒC
*ain DW +75ƒC
Gain DW +25ƒC
Gain DW -15ƒC
Gain DW -40ƒC
-20
-15
-10
-5
0
5
10
15
3.9
4.4
4.9
5.4
5.9
6.4
6.9
Freq (GHz)
Typical S-Plots at V
DD = 3.0, LNA_EN = 3.0V
S21 (dB)
S11 (dB)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com