Electronic Components Datasheet Search
  English  ▼

X  

RFFM8200 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFFM8200
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8200 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFFM8200 Datasheet HTML 5Page - RF Micro Devices RFFM8200 Datasheet HTML 6Page - RF Micro Devices RFFM8200 Datasheet HTML 7Page - RF Micro Devices RFFM8200 Datasheet HTML 8Page - RF Micro Devices RFFM8200 Datasheet HTML 9Page - RF Micro Devices RFFM8200 Datasheet HTML 10Page - RF Micro Devices RFFM8200 Datasheet HTML 11Page - RF Micro Devices RFFM8200 Datasheet HTML 12Page - RF Micro Devices RFFM8200 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 of 13
RFFM8200
DS120713
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RFFM8200 Receive and Bluetooth Performance Plots
-10
-5
0
5
10
15
20
12345
Frequency in GHz
LNA Gain versus Frequency
VDD = 3.3V LNA_EN = 3.1V
Temperature = 25°C
S21
Log Mag
-20
-15
-10
-5
0
5
10
12345
Frequency in GHz
LNA Bypass versus Frequency
VDD = 3.3V LNA_EN = 0.2V C_RX = 3.1V
Temperature = 25°C
S21
Log Mag
0
5
10
15
20
-20
-15
-10
-5
Input Power (dBm)
2412 MHz
2442 MHz
2484 MHz
-20
-15
-10
-5
0
5
10
12345
Frequency in GHz
ANT - Bluetooth versus Frequency
VDD = 3.3V LNA_EN = 0.2V C_BT = 3.1V
Temperature = 25°C
S21
Log Mag
LNA Current versus Input Power
VDD = 3.3V LNE_EN = 3.1V
Temperature = 25°C
0
2
4
6
8
10
12
14
16
18
20
-20
-15
-10
-5
Input Power (dBm)
LNA Current versus Input Power
VDD = 3.3V LNE_EN = 3.1V
2442 MHz Over Temperature
70 C
25 C
-10 C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.412
2.422
2.432
2.442
2.452
2.462
2.472
2.482
Frequency (GHz)
Noise Figure versus Frequency
VDD = 3.3V LNA_EN = 3.1V
Over Temperature
70C
25C
-10C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com