Electronic Components Datasheet Search
  English  ▼

X  

RFFM8200 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8200
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8200 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8200 Datasheet HTML 1Page - RF Micro Devices RFFM8200 Datasheet HTML 2Page - RF Micro Devices RFFM8200 Datasheet HTML 3Page - RF Micro Devices RFFM8200 Datasheet HTML 4Page - RF Micro Devices RFFM8200 Datasheet HTML 5Page - RF Micro Devices RFFM8200 Datasheet HTML 6Page - RF Micro Devices RFFM8200 Datasheet HTML 7Page - RF Micro Devices RFFM8200 Datasheet HTML 8Page - RF Micro Devices RFFM8200 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
RFFM8200
DS120713
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (Continuous with No Damage)
5.4
V
DC Supply Current
500
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum TX Input Power into 50
 Load for
11b/g/n (No Damage)
+5
dBm
Maximum RX Input Power into 50
 Load(No
Damage)
+5
dBm
Moisture Sensitivity
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters
Compliance
IEEE802.11b/g/n, FCC CFG 15.247,.205,.209, EN, and
JDEC
Nominal Conditions
VCC = 3.3V to 4.2V; PA_EN = VCTRL= VCC -0.2V;
POUT=18dBm; Duty Cycle=50%; Temp= -10°C to +70°C;
Freq = 2412MHz to 2484MHz; Modulation 11n MCS7
20MHz, Unless noted otherwise.
Operating Frequency Range
2.412
2.484
GHz
Power Supply
3.0
3.3
4.8
V
Voltage Supply Operating Range
PA_EN Voltage
ON
2.8
3.1
4.8
V
PA ON, Control voltage not to exceed VCC
OFF
0.00
0.20
V
PA OFF
Dynamic EVM
2
2.5
%
Temp = 25°C
22.5
%
POUT = 17dBm
Adjacent Channel Power
ACP1
-36
-33
dBc
POUT = 23dBm, 1Mbps; 100% Duty Cycle; +/- 11MHz
Offset from carrier
ACP2
-56
-52
dBc
POUT = 23dBm, 1Mbps; 100% Duty Cycle; +/- 22MHz
Offset from carrier
Gain
24
26.5
28
dB
VCC = 3.3v; Temp=25°C
23
26.5
29
dB
Gain Flatness
At rated power and a given supply voltage
Channel 20MHz BW
-0.25
0.25
dB
VCC = 3.3V; 100% Duty Cycle; Temp=25°C
Channel 40MHz BW
-0.5
0.5
dB
Frequency 100MHz BW
-1
1
dB
Out of Band Rejection
8
dBc
2110 to 2170MHz; CW Signal; Temp=25°C; VCC = 3.3V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com