Electronic Components Datasheet Search
  English  ▼

X  

RFFM8200 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8200
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8200 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8200 Datasheet HTML 1Page - RF Micro Devices RFFM8200 Datasheet HTML 2Page - RF Micro Devices RFFM8200 Datasheet HTML 3Page - RF Micro Devices RFFM8200 Datasheet HTML 4Page - RF Micro Devices RFFM8200 Datasheet HTML 5Page - RF Micro Devices RFFM8200 Datasheet HTML 6Page - RF Micro Devices RFFM8200 Datasheet HTML 7Page - RF Micro Devices RFFM8200 Datasheet HTML 8Page - RF Micro Devices RFFM8200 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 of 13
RFFM8200
DS120713
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive Parameters
Compliance
IEEE802.11b/g/n, FCC CFG 15.247,.205,.209, EN, and
JDEC
Nominal Conditions
VCC = 3.3V to 4.2V; LNA_EN = VCTRL= VCC -0.2V;
Temp= -10°C to +70°C; Freq = 2412MHz to 2484MHz;
CW Signal; Unless noted otherwise.
Frequency Range
2.412
2.484
GHz
LNA Voltage Supply
3.0
3.3
4.8
V
LNA VDD tied to VBATT at all times
LNA Current
8
13
mA
Gain
Receive
111315
dB
LNA ON; VCC = 3.3V; Temp= 25°C
10.5
13
15.5
dB
Bypass Mode
-12
-10
-8
dB
LNA OFF; C_RX = High
Noise Figure
2
3
dB
LNA ON
Input IP3
3
5
dBm
Temp=25°C
Input P1dB
-10
-5
dBm
Output Return Loss
8.5
dB
Input Return Loss
4
5
dB
Bluetooth TX/RX Parameters
Nominal Conditions
VCC=3.3V to 4.2V; VCTRL= VCC -0.2V; Temp= -10°C to
+70°C; Freq = 2412MHz to 2484MHz; CW Signal;
Unless noted otherwise.
Frequency
2.412
2.484
GHz
Insertion Loss
0.9
1.2
dB
Input/Output Return Loss
9.6
dB
Switch in Bluetooth Mode
Input P1dB
25
30
dBm
Other Requirements
Isolation
TX to RX
30
35
dB
In Tx Mode (measured from ANT to RX port)
BT to RX
25
27
dB
In BT Mode (measured from ANT to RX port)
TX to BT
15
18
dB
In Tx Mode (measured from ANT to BT port)
RX to BT
18
25
dB
In Rx High Gain Mode (measured from ANT to BT port)
RX to BT (Bypass mode)
18
20
dB
In Rx Bypass Mode (measured from ANT to BT port)
Switch Control Voltage
C RX, C BT, LNA_EN, and PA_EN control lines
Low
0
0.2
V
High
2.8
3.1
4.8
V
Not to exceed VCC
Switch Control Current
10
100
A
Per control line
Enable Control Current
60
100
A
PA_EN, LNA_EN, Over VCC, Frequency and Temperature
Switch Control Speed
100
nsec
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
250
V
JESD22-C101C all pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com