Electronic Components Datasheet Search
  English  ▼

X  

RFFM8200 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8200
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8200 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8200 Datasheet HTML 1Page - RF Micro Devices RFFM8200 Datasheet HTML 2Page - RF Micro Devices RFFM8200 Datasheet HTML 3Page - RF Micro Devices RFFM8200 Datasheet HTML 4Page - RF Micro Devices RFFM8200 Datasheet HTML 5Page - RF Micro Devices RFFM8200 Datasheet HTML 6Page - RF Micro Devices RFFM8200 Datasheet HTML 7Page - RF Micro Devices RFFM8200 Datasheet HTML 8Page - RF Micro Devices RFFM8200 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
LNA_EN
BT
N/C
Vdd
Pdet
VCC
VCC
3
1
12
2
13
11
10
9
8
7
6
5
4
14
15
16
GND
RFFM8200
2.4GHz TO 2.5GHz 802.11b/g/n
WiFi FRONT END MODULE
The RFFM8200 provides a complete integrated solution in a single Front
End Module (FEM) for WiFi 802.11b/g/n and Bluetooth® systems. The
ultra small form factor and integrated matching greatly reduces the num-
ber of external components and layout area in the customer application.
This simplifies the total Front End solution by reducing the bill of materials,
system footprint, and manufacturability cost. The RFFM8200 integrates a
2.4GHz Power Amplifier (PA), Low Noise Amplifier (LNA) with bypass mode,
power detector coupler for improved accuracy, and some filtering for har-
monic rejection. The device is provided in a 3mm x 3mm x 1.0mm, 16-pin
package. This module meets or exceeds the RF Front End needs of IEEE
802.11b/g/n WiFi RF systems.
Features
Integrated 2.5GHz b/g/n
Amplifier, LNA with Bypass
Mode, SP3T Switch, and
Power Detector Coupler
Single Supply Voltage 3.0V to
4.8V
11n POUT = 18dBm, 2.5%
Dynamic EVM
11b POUT = 21dBm, Meeting
Spectral Mask
Applications
Cellular Handsets
Mobile Devices
Tablets
Consumer Electronics
Gaming
Netbooks and Notebooks
TV, Monitors, and Video
Smart Energy AMI
RFFM8200SB
Standard 5 pieces sample bag
RFFM8200
Standard 25 pieces sample bag
RFFM8200SR
Standard 100 pieces reel
RFFM8200TR7
Standard 2500 pieces reel
RFFM8200PCK-410 Fully assembled evaluation board with 5-piece bag
DS120713
Package Style: Laminate, 16-pin, 3mm x 3mm x 1.05mm


Similar Part No. - RFFM8200

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8202PCK-410 RFMD-RFFM8202PCK-410 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8202SB RFMD-RFFM8202SB Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8202SQ RFMD-RFFM8202SQ Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8202SR RFMD-RFFM8202SR Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results

Similar Description - RFFM8200

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com