Electronic Components Datasheet Search
  English  ▼

X  

RFFM8200 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8200
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8200 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8200 Datasheet HTML 1Page - RF Micro Devices RFFM8200 Datasheet HTML 2Page - RF Micro Devices RFFM8200 Datasheet HTML 3Page - RF Micro Devices RFFM8200 Datasheet HTML 4Page - RF Micro Devices RFFM8200 Datasheet HTML 5Page - RF Micro Devices RFFM8200 Datasheet HTML 6Page - RF Micro Devices RFFM8200 Datasheet HTML 7Page - RF Micro Devices RFFM8200 Datasheet HTML 8Page - RF Micro Devices RFFM8200 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
RFFM8200
DS120713
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters
(continued)
Power Detector
Voltage at POUT = 0dBm
0
0.15
0.2
V
VCC = 3.3V
Voltage at POUT = 18dBm
0.6
0.7
0.8
V
VCC = 3.3V
Voltage Target at 23dBm POUT
1.21.351.5
V
VCC = 3.3V
Variation Over Phase
-1.5
1.5
dB
up to 3:1 VSWR; 0 to 360° load pull; Temp=25°C
Current Consumption
ICC
195
210
mA
VCC = 3.3V; Temp = 25°C
200
230
mA
Quiescent Current
160
200
mA
“RF OFF”
FEM Leakage Current
2
10
AVCC = 4.8V, RF OFF
Input Port Return Loss
9.6
12
dB
Output Port Return Loss
10
15
dB
Ruggedness
No Damage Conditions: max operating voltage, max
input power, max temperature
Output VSWR
10:1
All phase angles, no spurious or oscillations
Input Power
0
dBm
Stability
PA must be stable from 0dBm to 21dBm. CW Signal, No
spurs above -41.25dBm for non-harmonic related sig-
nals.
Output VSWR
4:1
All phase angles, no spurious or oscillations
Out-of-Band Emissions 2310MHz to
2390MHz and 2483.5MHz to
2500MHz (note 1)
-41.25
dBm/MHz POUT = 17dBm, 54Mbps OFDM Modulation, 64QAM,
RBW = 1MHz, VBW = 100kHz, VCC = 3.3V; Temp=25°C
-41.25
dBm/MHz POUT = 20dBm, 11Mbps CCK Modulation, RBW = 1MHz,
VBW = 100kHz, VCC = 3.3V; Temp=25°C
Harmonics
11b modulation, 1Mbps, BW = 1MHz; POUT = 21.5dBm
Second
-15
dBm
4.80GHz to 5.00GHz
Third
-45
-30
dBm
7.20GHz to 7.50GHz
Noise Power
at 2170MHz
-134
dBm/Hz
Temp=25°C
Turn-on/off Time
200
600
nS
Output from 10% to 90% of final gain
Note 1: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com