Electronic Components Datasheet Search
  English  ▼

X  

LTC5585 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 3Page - Linear Technology LTC5585_15 Datasheet HTML 4Page - Linear Technology LTC5585_15 Datasheet HTML 5Page - Linear Technology LTC5585_15 Datasheet HTML 6Page - Linear Technology LTC5585_15 Datasheet HTML 7Page - Linear Technology LTC5585_15 Datasheet HTML 8Page - Linear Technology LTC5585_15 Datasheet HTML 9Page - Linear Technology LTC5585_15 Datasheet HTML 10Page - Linear Technology LTC5585_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC5585
7
5585fb
For more information www.linear.com/LTC5585
TYPICAL PERFORMANCE CHARACTERISTICS
IIP2 vs IP2I, IP2Q Trim Voltage
IIP2 vs RF Tone Spacing
2x2 Half-IF IIP2
vs RF to LO Tone Spacing
Noise Figure and Conversion
Gain vs LO Power
Noise Figure and Conversion
Gain vs Temperature (TC)
2-Tone IIP3 vs RF Power
Uncalibrated IIP2 vs Temperature
(TC)
Noise Figure vs RF Power and
IP2I, IP2Q Trim Voltage
Uncalibrated IIP2 vs LO Power
700MHz application. VCC = 5V, EN = 5V, EDC = 0V,
EIP2 = 0V, REF = 0.5V, TC = 25°C, PLO = 6dBm, fLO = 690MHz, fRF1 = 700MHz, fRF2 = 701MHz, fBB = 10MHz, PRF1 = PRF2 = –5dBm,
DC Blocks and Mini-Circuits PSCJ-2-1 180° combiner at baseband outputs de-embedded from measurement unless otherwise noted.
Test circuit with RF and LO ports impedance matched as in Figure 1.
RF POWER (dBm)
–10
38
44
50
48
46
40
42
34
36
28
30
22
24
–4
0
2
4
5585 G06
32
26
20
–8
–6
–2
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
fRF1 = 700MHz
fRF2 = 701MHz
fLO = 690MHz
LO FREQUENCY (MHz)
600
90
100
110
900
5585 G07
80
70
700
800
1000
60
50
120
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
LO FREQUENCY (MHz)
600
90
100
110
900
5585 G08
80
70
700
800
1000
60
50
120
TC = 25°C
I, 0dBm
I, 6dBm
I, 10dBm
Q, 0dBm
Q, 6dBm
Q, 10dBm
RF TONE SPACING (MHz)
0
70
85
90
400
5585 G10
65
60
40
100
200
300
50
150
250
350
50
100
95
80
75
55
45
I (UNCALIBRATED)
I (NULLED AT 1MHz)
Q (UNCALIBRATED)
Q (NULLED AT 1MHz)
TC = 25°C
fRF1 = 700MHz
fLO = 690MHz
RF TO LO TONE SPACING (MHz)
0
50
55
65
70
75
100
85
100
200 250
5585 G11
60
90
95
80
50
150
300 350 400
TC = 25°C
fLO = 690MHz
Q
I
LO FREQUENCY (MHz)
600
–4
0
4
8
24
16
700
900
20
12
–2
2
6
22
14
18
10
800
1000
5585 G12
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
NF
GAIN
LO FREQUENCY (MHz)
600
–4
0
4
8
24
16
700
900
20
12
–2
2
6
22
14
18
10
800
1000
5585 G13
I, 0dBm
I, 6dBm
I, 10dBm
Q, 0dBm
Q, 6dBm
Q, 10dBm
TC = 25°C
NF
GAIN
IP2I, IP2Q TRIM VOLTAGE (V)
0
16
18
20
0.8
5585 G14
14
12
15
17
19
13
11
10
0.2
0.1
0.4
0.3
0.6 0.7
0.9
0.5
1.0
I, –20dBm
I, 0dBm
Q, –20dBm
Q, 0dBm
TC = 25°C
fRF = 890MHz
fLO = 900MHz
fNOISE = 3.4MHz
EIP2 = 5V
IP2I, IP2Q (V)
0
80
90
100
0.8 0.9
5585 G09
70
60
40
0.2
0.4
0.6
0.1
1.0
0.3
0.5
0.7
50
120
fRF = 700MHz
110
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com