Electronic Components Datasheet Search
  English  ▼

X  

LTC5585 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 8Page - Linear Technology LTC5585_15 Datasheet HTML 9Page - Linear Technology LTC5585_15 Datasheet HTML 10Page - Linear Technology LTC5585_15 Datasheet HTML 11Page - Linear Technology LTC5585_15 Datasheet HTML 12Page - Linear Technology LTC5585_15 Datasheet HTML 13Page - Linear Technology LTC5585_15 Datasheet HTML 14Page - Linear Technology LTC5585_15 Datasheet HTML 15Page - Linear Technology LTC5585_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTC5585
12
5585fb
For more information www.linear.com/LTC5585
TYPICAL PERFORMANCE CHARACTERISTICS 2150MHz application. V
CC = 5V, EN = 5V,
EDC = 0V, EIP2 = 0V, REF = 0.5V, TC = 25°C, PLO = 6dBm, fLO = 2140MHz, fRF1 = 2150MHz, fRF2 = 2151MHz, fBB = 10MHz,
PRF1 = PRF2 = –5dBm, DC Blocks and Mini-Circuits PSCJ-2-1 180° combiner at baseband outputs de-embedded from measurement
unless otherwise noted. Test circuit with RF and LO ports impedance matched as in Figure 1.
IIP3, P1dB vs Temperature (TC)
IIP3, P1dB vs Supply Voltage
(VCC)
IIP3 vs LO Power
LO FREQUENCY (MHz)
1750
10
14
22
26
30
50
38
1950
2150 2250
5585 G46
18
42
46
34
1850
2050
2350 2450 2550
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
IIP3
P1dB
LO FREQUENCY (MHz)
1750
10
14
22
26
30
50
38
1950
2150 2250
5585 G47
18
42
46
34
1850
2050
2350 2450 2550
I, 4.75V
I, 5.0V
I, 5.25V
Q, 4.75V
Q, 5.0V
Q, 5.25V
TC = 25°C
IIP3
P1dB
LO FREQUENCY (MHz)
1750
10
14
22
26
30
50
38
1950
2150 2250
5585 G48
18
42
46
34
1850
2050
2350 2450 2550
I, 0dBm
I, 6dBm
I, 10dBm
Q, 0dBm
Q, 6dBm
Q, 10dBm
TC = 25°C
2-Tone IIP3 vs RF Power
Uncalibrated IIP2 vs Temperature
(TC)
Uncalibrated IIP2 vs LO Power
RF POWER (dBm)
–10
38
44
50
48
46
40
42
34
36
28
30
22
24
–4
0
2
4
5585 G49
32
26
20
–8
–6
–2
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
fRF1 = 2150MHz
fRF2 = 2151MHz
fLO = 2140MHz
LO FREQUENCY (MHz)
1750
40
50
70
80
90
2150
130
5585 G50
60
1950
1850
2250 2350 2450
2050
2550
100
110
120
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
LO FREQUENCY (MHz)
1750
40
50
70
80
90
2150
130
5585 G51
60
1950
1850
2250 2350 2450
2050
2550
100
110
120
I, 0dBm
I, 6dBm
I, 10dBm
Q, 0dBm
Q, 6dBm
Q, 10dBm
TC = 25°C
IIP2 vs IP2I, IP2Q Trim Voltage
IIP2 vs RF Tone Spacing
2x2 Half-IF IIP2
vs RF to LO Tone Spacing
IP2I, IP2Q (V)
0
80
90
100
0.8 0.9
5585 G52
70
60
40
0.2
0.4
0.6
0.1
1.0
0.3
0.5
0.7
50
120
fRF = 2150MHz
110
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
RF TONE SPACING (MHz)
0
70
85
90
400
5585 G53
65
60
40
100
200
300
50
150
250
350
50
100
95
80
75
55
45
I (UNCALIBRATED)
I (NULLED AT 1MHz)
Q (UNCALIBRATED)
Q (NULLED AT 1MHz)
TC = 25°C
fRF1 = 2150MHz
fLO = 2140MHz
RF TO LO TONE SPACING (MHz)
0
50
55
65
70
75
100
85
100
200 250
5585 G54
60
90
95
80
50
150
300 350 400
TC = 25°C
fLO = 2140MHz
Q
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com