Electronic Components Datasheet Search
  English  ▼

X  

LTC5585 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 29Page - Linear Technology LTC5585_15 Datasheet HTML 30Page - Linear Technology LTC5585_15 Datasheet HTML 31Page - Linear Technology LTC5585_15 Datasheet HTML 32Page - Linear Technology LTC5585_15 Datasheet HTML 33Page - Linear Technology LTC5585_15 Datasheet HTML 34Page - Linear Technology LTC5585_15 Datasheet HTML 35Page - Linear Technology LTC5585_15 Datasheet HTML 36Page - Linear Technology LTC5585_15 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LTC5585
33
5585fb
For more information www.linear.com/LTC5585
APPLICATIONS INFORMATION
Figure 37. fRF = 845MHz Receiver Noise Floor Test, fLO = 846MHz.
Ch.1 Is the I-Channel and Ch.2 Is the Q-Channel. Tested without LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com