Electronic Components Datasheet Search
  English  ▼

X  

LTC5585 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 21Page - Linear Technology LTC5585_15 Datasheet HTML 22Page - Linear Technology LTC5585_15 Datasheet HTML 23Page - Linear Technology LTC5585_15 Datasheet HTML 24Page - Linear Technology LTC5585_15 Datasheet HTML 25Page - Linear Technology LTC5585_15 Datasheet HTML 26Page - Linear Technology LTC5585_15 Datasheet HTML 27Page - Linear Technology LTC5585_15 Datasheet HTML 28Page - Linear Technology LTC5585_15 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LTC5585
25
5585fb
For more information www.linear.com/LTC5585
APPLICATIONS INFORMATION
Care should be taken when the demodulator’s outputs
are DC coupled to the external load to make sure that the
I/Q mixers are biased properly. If the current drain from
the outputs exceeds about 6mA, there can be significant
degradationofthelinearityperformance.Keepingthecom-
monmodeoutputvoltageofthedemodulatorabove3.15V,
with a 5V supply, will ensure optimum performance. Each
output can sink no more than 30mA when the outputs are
connected to an external load with a DC voltage higher
than VCC – 1.5V.
In order to achieve the best IIP2 performance, it is im-
portant to minimize high frequency coupling among the
baseband outputs, RF port, and LO port. Although it may
increase layout complexity, routing the baseband output
tracesonthebacksideofthePCBcanimproveuncalibrated
IIP2 performance. Figure 19 shows the alternate layout
having the baseband outputs on the backside of the PCB.
Analog Control Voltage Pins
Figure 20 shows the equivalent circuit for the DCOI, DCOQ,
IP2I, and IP2Q pins. Internal temperature compensated
62.5μAcurrentsourceskeepthesepinsbiasedatanominal
500mV through 8k resistors. A low impedance voltage
source with a source resistance of less than 200Ω is
recommended to drive these pins.
Figure 19. Alternate Layout of PCB with
Baseband Outputs on the Backside
Figure 20. Simplified Schematic of the Interface for the
DCOI, DCOQ, IP2I and IP2Q Pins
Figure 21. Simplified Schematic of the REF Pin Interface
GND
5585 F20
VCC
8k
DCOI, DCOQ,
IP2I, IP2Q
62.5µA
LTC5585
GND
5585 F21
VCC
2k
REF
250µA
LTC5585
As shown in Figure 21, the REF pin is similar to the DCOI
pin, but the bias current source is 250µA, and the inter-
nal resistance is 2k. If this pin is left disconnected, it will
self-bias to 500mV. A low impedance voltage source with
a source resistance of less than 200Ω is recommended
to drive this pin. The control voltage range of the DCOI,
DCOQ, IP2I and IP2Q pins is set by the REF pin. This range
is equal to 0V to twice the voltage on the REF pin, whether
internally or externally applied.
It is recommended to decouple any AC noise present on
the signal lines that connect to the analog control-voltage
inputs. A shunt capacitor to ground placed close to these
pins can provide adequate filtering. For instance, a value
of 1000pF on the DCOI, DCOQ, IP2I and IP2Q pins will
provide a corner frequency of around 6 to 7MHz. A similar
corner frequency can be obtained on the REF pin with a
value of 3900pF. Using larger capacitance values such as
0.1µFisrecommendedonthesepinsunlessafastercontrol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com