Electronic Components Datasheet Search
  English  ▼

X  

RFPA2235 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFPA2235 Datasheet HTML 7Page - RF Micro Devices RFPA2235 Datasheet HTML 8Page - RF Micro Devices RFPA2235 Datasheet HTML 9Page - RF Micro Devices RFPA2235 Datasheet HTML 10Page - RF Micro Devices RFPA2235 Datasheet HTML 11Page - RF Micro Devices RFPA2235 Datasheet HTML 12Page - RF Micro Devices RFPA2235 Datasheet HTML 13Page - RF Micro Devices RFPA2235 Datasheet HTML 14Page - RF Micro Devices RFPA2235 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(VCC=VBIAS=VREG=5V, 2.11GHz to 2.17GHz Application Circuit)
25
26
27
28
29
30
31
32
33
34
35
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
P1dB versus Frequency
25°C
-40°C
85°C
40
41
42
43
44
45
46
47
48
49
50
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Output IP3 versus Frequency
(15dBm Tones, 1MHz Spacing)
25°C
-40°C
85°C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Power per Tone (dBm)
IM3 versus Power
(2140MHz, 1MHz Tone Spacing)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com