Electronic Components Datasheet Search
  English  ▼

X  

RFPA2235 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFPA2235 Datasheet HTML 3Page - RF Micro Devices RFPA2235 Datasheet HTML 4Page - RF Micro Devices RFPA2235 Datasheet HTML 5Page - RF Micro Devices RFPA2235 Datasheet HTML 6Page - RF Micro Devices RFPA2235 Datasheet HTML 7Page - RF Micro Devices RFPA2235 Datasheet HTML 8Page - RF Micro Devices RFPA2235 Datasheet HTML 9Page - RF Micro Devices RFPA2235 Datasheet HTML 10Page - RF Micro Devices RFPA2235 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
(728MHz to 768MHz Application Circuit)
Evaluation Board Build of Materials (BOM)
(728MHz to 768MHz Application Circuit)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
400-2700MHz, 2W, 5V High Gain Linear PA
U1
RFMD
PA2235
CAP, 10
F, 10%, 10V, TANT-A
C5, C8
AVX Corporation
TAJA106K010R
CAP, 10000pF, 10%, 16V, X7R, 0402
C6, C10
Taiyo Yuden (USA), Inc.
RM EMK105BJ103KV-F
CAP, 100pF, 5%, 50V, C0G, 0402
C7, C11-C12, C21
Murata Electronics
GRM1555C1H101JA01D
CAP, 15pF, 2%, 50V, HI-Q, 0402
C13
Johanson Technology
500R07S150GV4TD
CAP, 10pF, 2%, 50V, HI-Q, 0402
C18
Johanson Technology
500R07S100GV4TD
CONN, SMA, END LNCH, RND PIN, 0.039"
J1-J2
Gigalane Co., Ltd.
PSF-S01-002
IND, 47nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-47NXJLW
IND, 3.6nH, 5%, W/W, 0402
L2
Coilcraft, Inc.
0402CS-3N6XJLW
IND, 3.3nH, 5%, W/W, 0402
L3
Coilcraft, Inc.
0402CS-3N3XJLY
CONN, HDR, ST, PLRZD, 4-PIN, 0.100"
P1
ITW Pancon
MPSS100-4-C
CONN, HDR, ST, PLRZD, 3-PIN, 0.100"
P2
ITW Pancon
MPSS100-3-C
RES, 1K, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-102JTH
4.3K
, 5%, 1/16W, 0402, LEAD FREE
R2
KOA Speer Electronics, Inc.
RK73B1ETTP432J
RES, 0
, 0402
R3
Kamaya, Inc
RMC1/16SJPTH
RES, 43K, 5%, 1/16W, 0402
R4
Kamaya, Inc
RMC1/16S-433JTH
GND
GND
C8
10uF
L1
47nH
C10
10000pF
C11
100pF
GND
C7
100pF
GND
C6
10000pF
GND
VCC
VCC
VBIAS
VBIAS
GND
C5
10uF
GND
VDET
GND
GND
R1
1K
VREG
GND
GND
1
2
3
P2
GND
VREG
VDET
VBIAS
1
NC
2
RFIN
3
RFIN
4
NC
5
VPC
6
VDET
7
RFOUT/VCC
8
RFOUT/VCC
9
RFOUT/VCC
10
RFOUT/VCC
11
NC
12
U1
PA2235
R2
4.3K
GND
R4
43K
GND
R3
0 Ohm
GND
GND
J1
RFIN
J2
RFOUT
1
2
3
4
P1
GND
C21
100pF
C12
100pF
L2
3.6nH
L3
3.3nH
C18
10pF
GND
C13
15pF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com