Electronic Components Datasheet Search
  English  ▼

X  

RFPA2235 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2235 Datasheet HTML 1Page - RF Micro Devices RFPA2235 Datasheet HTML 2Page - RF Micro Devices RFPA2235 Datasheet HTML 3Page - RF Micro Devices RFPA2235 Datasheet HTML 4Page - RF Micro Devices RFPA2235 Datasheet HTML 5Page - RF Micro Devices RFPA2235 Datasheet HTML 6Page - RF Micro Devices RFPA2235 Datasheet HTML 7Page - RF Micro Devices RFPA2235 Datasheet HTML 8Page - RF Micro Devices RFPA2235 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.58GHz to 2.69GHz
VCC = 5.0V, Temp = 25°C, Optimized for -60dBc ACPR
power
Frequency
2.64
GHz
Input Power (PIN)
17
dBm
Max Recommended Continuous CW Input Power,
VCC=5.0V, Load VSWR=2:1
Gain (S21)
10.7
12.2
13.7
dB
ACPR
-60
-55
dBm
RF Output Power = 19dBm, WCDMA 3GPP 3.5, test model
1, 64 DPCH
P1dB
31
dBm
OIP3
44
dBm
15dBm per tone, 1MHz Spacing. Optimized for best ACPR.
Input Return Loss (S11)
18
dB
Output Return Loss (S22)
10
dB
Noise Figure
5.4
dB
Power Supply
VCC = 5.0V, Bias Conditions
Collector Current (Quiescent)
400
455
525
mA
At VCC = 5.0V, Temp = 25°C, optimized for max PAE at
rated linear power
Collector Voltage (VCC)4.75
5
5.25
V
VBIAS
4.75
5
5.25
V
VBIAS = VCC under normal operating condition
VREG
5
5
5
V
Normal operating condition
Collector Leakage Current
(shutdown)
100
A
VCC = VBIAS = 5V, VREG = 0V
Thermal Resistance (RTH)
14
°C/W
Junction-to-backside of package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com