Electronic Components Datasheet Search
  English  ▼

X  

RFPA2235 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFPA2235 Datasheet HTML 12Page - RF Micro Devices RFPA2235 Datasheet HTML 13Page - RF Micro Devices RFPA2235 Datasheet HTML 14Page - RF Micro Devices RFPA2235 Datasheet HTML 15Page - RF Micro Devices RFPA2235 Datasheet HTML 16Page - RF Micro Devices RFPA2235 Datasheet HTML 17Page - RF Micro Devices RFPA2235 Datasheet HTML 18Page - RF Micro Devices RFPA2235 Datasheet HTML 19Page - RF Micro Devices RFPA2235 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(VCC=VBIAS=VREG=5V, 2.58GHz to 2.69GHz Application Circuit)
25
26
27
28
29
30
31
32
33
34
35
2.59
2.6
2.61
2.62
2.63
2.64
2.65
2.66
2.67
2.68
2.69
Frequency (GHz)
P1dB versus Frequency
25°C
-40°C
85°C
40
41
42
43
44
45
46
47
48
49
50
2.59
2.6
2.61
2.62
2.63
2.64
2.65
2.66
2.67
2.68
2.69
Frequency (GHz)
Output IP3 versus Frequency
(15dBm Tones, 1MHz Spacing)
25°C
-40°C
85°C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Power per Tone (dBm)
IM3 versus Power
(2640MHz, 1MHz Tone Spacing)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com