Electronic Components Datasheet Search
  English  ▼

X  

RFPA2235 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA2235 Datasheet HTML 1Page - RF Micro Devices RFPA2235 Datasheet HTML 2Page - RF Micro Devices RFPA2235 Datasheet HTML 3Page - RF Micro Devices RFPA2235 Datasheet HTML 4Page - RF Micro Devices RFPA2235 Datasheet HTML 5Page - RF Micro Devices RFPA2235 Datasheet HTML 6Page - RF Micro Devices RFPA2235 Datasheet HTML 7Page - RF Micro Devices RFPA2235 Datasheet HTML 8Page - RF Micro Devices RFPA2235 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(VCC=VBIAS=VREG=5V, 728MHz to 768MHz Application Circuit)
-70
-65
-60
-55
-50
-45
-40
-35
15
16
17
18
19
20
21
22
23
24
25
Channel Output Power (dBm)
ACPR versus WCDMA Output Power (25
°C)
728MHz
748MHz
768MHz
WCDMA_TM1_64DPCH_1C
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
-70
-65
-60
-55
-50
-45
-40
-35
15
16
17
18
19
20
21
22
23
24
25
Channel Output Power (dBm)
ACPR versus WCDMA Output Power (750MHz)
25°C
-40°C
85°C
WCDMA_TM1_64DPCH_1C
0.4
0.5
0.6
0.7
0.8
0.9
1.0
12
14
16
18
20
22
24
26
28
30
32
34
36
02468
10
12
14
16
18
20
Input Power (dBm)
Output Power and Current versus Input Power
at 750MHz
25°C
-40°C
85°C
0.6
0.8
1
1.2
1.4
15
17
19
21
23
25
27
29
31
33
POUT (dBm)
VDET versus POUT (WCDMA)
VDET (25°C)
VDET (85°C)
VDET (-40°C)
WCDMA_TM1_64DPCH_1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com