Electronic Components Datasheet Search
  English  ▼

X  

RFPA5026 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFPA5026
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFPA5026 Datasheet HTML 6Page - RF Micro Devices RFPA5026 Datasheet HTML 7Page - RF Micro Devices RFPA5026 Datasheet HTML 8Page - RF Micro Devices RFPA5026 Datasheet HTML 9Page - RF Micro Devices RFPA5026 Datasheet HTML 10Page - RF Micro Devices RFPA5026 Datasheet HTML 11Page - RF Micro Devices RFPA5026 Datasheet HTML 12Page - RF Micro Devices RFPA5026 Datasheet HTML 13Page - RF Micro Devices RFPA5026 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
RFPA5026
DS121114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
5.7GHz to 5.9GHz Application Circuit Data
(VCC=VPC=5.0V, IQ=602mA)
Broadband S11 - Input Return Loss
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (GHz)
-40°C
25°C
85°C
Broadband S12 - Reverse Isolation
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (GHz)
-40°C
25°C
85°C
Broadband S21 - Forward Gain
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (GHz)
-40°C
25°C
85°C
Broadband S22 - Output Return Loss
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (GHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com