Electronic Components Datasheet Search
  English  ▼

X  

RFPA5026 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA5026
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA5026 Datasheet HTML 1Page - RF Micro Devices RFPA5026 Datasheet HTML 2Page - RF Micro Devices RFPA5026 Datasheet HTML 3Page - RF Micro Devices RFPA5026 Datasheet HTML 4Page - RF Micro Devices RFPA5026 Datasheet HTML 5Page - RF Micro Devices RFPA5026 Datasheet HTML 6Page - RF Micro Devices RFPA5026 Datasheet HTML 7Page - RF Micro Devices RFPA5026 Datasheet HTML 8Page - RF Micro Devices RFPA5026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 of 16
RFPA5026
DS121114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical 5V Performance with Appropriate App Circuit
(VCC = 5V, ICQ = 602mA, 802.11a 54 Mb/s)
Pin Out
Parameter
Units
5.15GHz
5.35GHz
5.7GHz
5.9GHz
Gain at POUT=26dBm
dB
8.8
9.0
9.4
8.8
P1dB
dBm
32.7
32.2
33.2
32.5
POUT at 2.5% EVM
dBm
25.3
25.1
25.3
25.0
Current at POUT 2.5% EVM
mA
632
631
670
670
Input Return Loss
dB
10
13
19
19
Output Return Loss
dB
15
13
15
13
Output Return Loss
dB
16.0
16.0
17.0
15.0
Pin
Function
Description
1VBIAS
This is the supply voltage for the active bias circuit.
2RF IN
This is the RF input pin and has a DC voltage present. An external DC block is required.
3VPC
Power up/down control pin. The voltage on this pin should never exceed the voltage on pin 1 by more than 0.5V unless
the supply current from pin 3 is limited<10mA.
4VDET
This is the output port for the power detector. It samples the power at the input of the amplifier.
5RF OUT/VCC This is the RF output pin and DC connection to the collector.
6NC
This pin is not connected internal to the package. Buss it to pin 5 as shown on the app circuit to achieve the specified
performance.
GND
GND
These pins are DC connected to the backside paddle. They provide good thermal connection to the backside paddle for
hand soldering and rework. Many thermal and electrical GND vias are recommended as shown in the landing pattern.
VBIAS
RFIN
VPC
VDET
RFOUT/VCC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com