Electronic Components Datasheet Search
  English  ▼

X  

RFPA5026 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5026
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5026 Datasheet HTML 1Page - RF Micro Devices RFPA5026 Datasheet HTML 2Page - RF Micro Devices RFPA5026 Datasheet HTML 3Page - RF Micro Devices RFPA5026 Datasheet HTML 4Page - RF Micro Devices RFPA5026 Datasheet HTML 5Page - RF Micro Devices RFPA5026 Datasheet HTML 6Page - RF Micro Devices RFPA5026 Datasheet HTML 7Page - RF Micro Devices RFPA5026 Datasheet HTML 8Page - RF Micro Devices RFPA5026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
Active Bias
RFIN
RFOUT
Power
Detector
Vbias
Power
Up/Down
Control
Vcc
RFPA5026
RFPA5026
4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
RFMD’s RFPA5026 is a high-linearity, single-stage, class AB Heterojunction Bipolar
Transistor (HBT) power amplifier. It is designed with InGaP-on-GaAs device technol-
ogy and fabricated with MOCVD for an ideal combination of low cost and high reli-
ability. This product is specifically designed for use as a driver or final stage power
amp for 802.16 equipment in the 4.9GHz to 5.9GHz bands. It is pre-matched on
both ports to simplify external application circuit design. It features an input power
detector, on/off power control, ESD protection, excellent overall robustness, and a
hand reworkable and thermally enhanced surface-mount DFN package.
Features
P1dB=33dBm at 5V
802.11g 54Mb/s Class AB
Performance
POUT=25dBm at 2.5% EVM,
VCC 5V, 680mA
On-Chip Output Power Detector
Input Prematched Input and
Output
Proprietary Low Thermal
Resistance Package
Power Up/Down control <1
s
Applications
802.16 WiMAX Driver or Output
Stage
5GHz 802.11 WiFi and ISM
Applications
DS121114
Package: DFN, 6-pin, 5.59mm x 6.23mm x 0.85mm
RFPA5026
4.9GHz to
5.9GHz 2W
InGaP AMPLI-
FIER
RFPA5026SQ
Sample bag with 25 pieces
RFPA5026SR
7” reel with 100 pieces
RFPA5026TR7
7” reel with 1000 pieces
RFPA5026PCK-410
Eval Board with 5.15GHz to 5.35GHz Tune - 5 pc sample bag.
RFPA5026PCK-411
Eval Board with 5.75GHz to 5.9GHz Tune - 5 pc sample bag.


Similar Part No. - RFPA5026

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFPA5200PCK-410 RFMD-RFPA5200PCK-410 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200PCK-410 QORVO-RFPA5200PCK-410 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFPA5200PCK-411 RFMD-RFPA5200PCK-411 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results

Similar Description - RFPA5026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
2.2-2.7GHz 2W InGaP Amplifier
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
4.9GHz to 5.9GHz 5V POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com