Electronic Components Datasheet Search
  English  ▼

X  

RFPA5026 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA5026
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA5026 Datasheet HTML 1Page - RF Micro Devices RFPA5026 Datasheet HTML 2Page - RF Micro Devices RFPA5026 Datasheet HTML 3Page - RF Micro Devices RFPA5026 Datasheet HTML 4Page - RF Micro Devices RFPA5026 Datasheet HTML 5Page - RF Micro Devices RFPA5026 Datasheet HTML 6Page - RF Micro Devices RFPA5026 Datasheet HTML 7Page - RF Micro Devices RFPA5026 Datasheet HTML 8Page - RF Micro Devices RFPA5026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 of 16
RFPA5026
DS121114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
5.15GHz to 5.35GHz Application Circuit Data
(VCC=VPC=5.0V, IQ=563mA)
Typical EVM versus POUT F=5.35GHz
802.11g, OFDM 54Mb/s, 64QAM
0.0
1.0
2.0
3.0
4.0
5.0
6.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
POUT(dBm)
-40°C
+25°C
+85°C
Typical EVM versus POUT F=5.15GHz
802.11g, OFDM 54Mb/s, 64QAM
0.0
1.0
2.0
3.0
4.0
5.0
6.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
POUT(dBm)
-40°C
+25°C
+85°C
Typical Forward Gain versus POUT, T=+25°C
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
20 21 22 23 24 25 26 27 28 29 30 31 32 33
POUT(dBm)
5.7GHz
5.9GHz
IM3 versus POUT (2 Tone Avg), T=+25°C
Tone Spacing = 1MHz
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0
POUT(dBm)
5.15GHz
5.35GHz
Typical Forward Gain versus POUT, F=5.35GHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
20 21 22 23 24 25 26 27 28 29 30 31 32 33
POUT(dBm)
-40°C
+25°C
+85°C
Typical Forward Gain versus POUT, F=5.15GHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
20 21 22 23 24 25 26 27 28 29 30 31 32 33
POUT(dBm)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com