Electronic Components Datasheet Search
  English  ▼

X  

RFPA5026 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5026
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5026 Datasheet HTML 1Page - RF Micro Devices RFPA5026 Datasheet HTML 2Page - RF Micro Devices RFPA5026 Datasheet HTML 3Page - RF Micro Devices RFPA5026 Datasheet HTML 4Page - RF Micro Devices RFPA5026 Datasheet HTML 5Page - RF Micro Devices RFPA5026 Datasheet HTML 6Page - RF Micro Devices RFPA5026 Datasheet HTML 7Page - RF Micro Devices RFPA5026 Datasheet HTML 8Page - RF Micro Devices RFPA5026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RFPA5026
DS121114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VC1 Collector Bias Current (IVC1)
1500
mA
Device Voltage (VD)*
6.0
V
Power Dissipation (PDISS)6
W
Operating Lead Temperature (TL)-40 to +85
°C
**Max RF output Power for 50
 continuous
long term operation
30
dBm
Max Modulated (***OFDM)
RF Input Power for 50
 output load
28
dBm
Max Modulated (***OFDM)
RF Input Power for 10:1 VSWR output load
21
dBm
Storage Temperature Range
-40 to +150
°C
Operating Junction Temperature (TJ)+150
°C
ESD Human Body Model
1000
V
Moisture Sensitivity Level
MSL 1
*No RF Drive
**With specified application circuit
***Modulation schemes include 802.11a/g, 802.16
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage
and current must not exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
4900
5900
MHz
Output Power at 1dB Compression
32.5
dBm
5.9GHz
Small Signal Gain
8.8
dBm
5.9GHz
EVM at 25dBm Output Power
2.5
%
5.9GHz, 802.11a 54Mb/s
Third Order Suppression
-45.0
dBc
5.9GHz, POUT=23dBm per tone
Noise Figure
5.4
dB
5.9GHz
Worst Case Input Return Loss
19.0
dB
5.7GHz to 5.9GHz
Worst Case Output Return Loss
13.0
dB
5.7GHz to 5.9GHz
Power Detector Range
0.8
3.0
V
POUT=10dBm to 30dBm
Quiescent Current
602
mA
VCC=5V
Power Up Control Current
2.7
mA
VPC=5V
VCC Leakage Current
10
AVCC=5V, VPC=0V
Thermal Resistance
14.0
°C/W
Junction-to-Lead
Test Conditions: Z0=50, VCC=5V, IQ=602mA, TBP=30°C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com