Electronic Components Datasheet Search
  English  ▼

X  

RT5072 Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 45Page - Richtek Technology Corporation RT5072 Datasheet HTML 46Page - Richtek Technology Corporation RT5072 Datasheet HTML 47Page - Richtek Technology Corporation RT5072 Datasheet HTML 48Page - Richtek Technology Corporation RT5072 Datasheet HTML 49Page - Richtek Technology Corporation RT5072 Datasheet HTML 50Page - Richtek Technology Corporation RT5072 Datasheet HTML 51Page - Richtek Technology Corporation RT5072 Datasheet HTML 52Page - Richtek Technology Corporation RT5072 Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
RT5072
49
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
ERR1
ERR2
ERR3
ERR4
ERR5
ERR6
ERR7
ERR8
Default
0
0
0
0
0
0
0
0
A1
0x01
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Report whether the protection event of CH1 to CH8 ever occurs respectively.
Reset it by writing 0 into the bit or (VRTC < 1.6V).
0 : No protection event occurs.
ERR1 to ERR8
1 : Protection event ever occurs.
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
EN5
EN6
EN8
EN7_DIM7 [4:0]
Default
0
0
0
0
0
0
0
0
A2
0x02
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Enable/disable CH5
0 : Disable
EN5
1 : Enable
Enable/disable CH6
0 : Disable
EN6
1 : Enable
Enable/disable CH8
0 : Disable
EN8
1 : Enable
Enable CH7 and define FB7 regulation voltage
00000 : CH7 turn off
EN7_DIM7 [4:0]
00001 to11111 : CH7 turn on and dimming ratio : VFB7 = EN7_DIM7 [4 : 0] /
31 x 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com