Electronic Components Datasheet Search
  English  ▼

X  

RT5072 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5072 Datasheet HTML 1Page - Richtek Technology Corporation RT5072 Datasheet HTML 2Page - Richtek Technology Corporation RT5072 Datasheet HTML 3Page - Richtek Technology Corporation RT5072 Datasheet HTML 4Page - Richtek Technology Corporation RT5072 Datasheet HTML 5Page - Richtek Technology Corporation RT5072 Datasheet HTML 6Page - Richtek Technology Corporation RT5072 Datasheet HTML 7Page - Richtek Technology Corporation RT5072 Datasheet HTML 8Page - Richtek Technology Corporation RT5072 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
RT5072
®
DS5072-00
March 2015
www.richtek.com
1
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Multi-Channel PMU with Linear Battery Charger for CMOS
DSC/DV
General Description
The RT5072 is a complete power supply solution for digital
still cameras and other hand held devices. The RT5072 is
composed of a multi-channel DC/DC power converter unit,
a single-cell linear Li-ion battery charger, a charger type
detector, and an I
2C control interface.
The power converter unit includes one synchronous step-
up converter (CH1), one synchronous step-up/down
converter (CH2), three synchronous step-down converters
(CH3/4/5), two LDOs with input power as low as 1.5V
(CH6/8), one WLED driver in synchronous high-voltage
step-up mode or low-voltage current regulator mode (CH7),
and a keep-alive LDO (CH9) for RTC application. All
converters are internally frequency compensated and
integrate power MOSFETs. The power converter unit
provides complete protection functions : over-current,
thermal shutdown, over-voltage, and under-voltage
protection. The RT5072 has a WAKEUP impulse
generation circuitry to monitor VIN or BAT installation
event. To fulfill most of applications, the RT5072 has six
preset power-on/off sequences.
The battery charger includes Auto Power Path
Management (APPM). No external MOSFETs are required.
The charger can enter sleep mode when power is removed.
Simplified Application Circuit
Charging tasks are optimized by using a control algorithm
to vary the charge rate, including pre-charge mode, fast
charge mode and constant voltage mode. The charge
current can also be programmed via the I2C control
interface. The battery regulation voltage and current can
be adjusted by JEITA standard temperature control or other
schemes set via the I2C interface. The internal thermal
feedback circuitry regulates the die temperature to optimize
the charge rate for all ambient temperatures. The charging
task will always be terminated in constant-voltage mode
when the charging current reduces to the termination
current of 10% x ICHG_FAST. The charger includes under-
voltage and over-voltage protection for the supply input
voltage, VIN. The charger includes USB charger detection
circuitry via D+ and D- pins of USB interface to detect
USB standard downstream ports (SDP), USB charging
downstream port (CDP), dedicated charger port (DCP),
or Apple/Sony charger ports. RT5072 uses some
indicators to show charger states : two open drain ports
CHG and CHG2, and an interrupt (INT) to immediately notify
the state change.
The RT5072 has I2C interface to control rich functions of
Power Converter Unit and Charger Unit, and is available in
the WQFN-40L 5x5 package.
VIN
SYS
GND
PVD1
Adapter/USB
RT5072
SCL
SDA
I
2
C Control
VO2
LX3
LX4
LX5
VO6
PVD7
VO8
VRTC
Step-Up for Motor
Step-Up/Down for I/O
Step-Down for Core
Step-Down for Memory
Step-Down
LDO
Step-Up for LED Backlight
LDO
LDO for RTC
System Power
BAT
Charger for Battery


Similar Part No. - RT5072

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
RT5070GSP RICHTEK-RT5070GSP Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
More results

Similar Description - RT5072

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
A complete communications solution
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
List of Unclassifed Man...
IS-418-TR1509-12 ETC2-IS-418-TR1509-12 Datasheet
79Kb / 1P
The IS-418-TR1509-12 is a class B power supply
IS-P410905 ETC2-IS-P410905 Datasheet
60Kb / 1P
The IS-P410905 is a class 2 power supply
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
The PM6670S device is a complete
14-Nov-2008
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
logo
Richtek Technology Corp...
RT5016C RICHTEK-RT5016C Datasheet
1Mb / 68P
The RT5016C is a complete power supply solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com