Electronic Components Datasheet Search
  English  ▼

X  

RT5072 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 19Page - Richtek Technology Corporation RT5072 Datasheet HTML 20Page - Richtek Technology Corporation RT5072 Datasheet HTML 21Page - Richtek Technology Corporation RT5072 Datasheet HTML 22Page - Richtek Technology Corporation RT5072 Datasheet HTML 23Page - Richtek Technology Corporation RT5072 Datasheet HTML 24Page - Richtek Technology Corporation RT5072 Datasheet HTML 25Page - Richtek Technology Corporation RT5072 Datasheet HTML 26Page - Richtek Technology Corporation RT5072 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
RT5072
23
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Time (250
μs/Div)
CH5 Load Transient Response
VBAT = 3.7V, VOUT = 1.8V,
IOUT = 100mA to 300mA, L = 2.2
μH, COUT = 10μF
VOUT_CH5_ac
(50mV/Div)
IOUT
(200mA/Div)
Time (250
μs/Div)
CH6 Load Transient Response
VBAT = 3.7V, VOUT = 1.3V,
IOUT = 100mA to 300mA, COUT = 1
μF
VOUT_CH6_ac
(50mV/Div)
IOUT
(200mA/Div)
Time (250
μs/Div)
CH4 Load Transient Response
VBAT = 3.7V, VOUT = 1.5V,
IOUT = 100mA to 300mA, L = 2.2
μH, COUT = 10μF
VOUT_CH4_ac
(50mV/Div)
IOUT
(200mA/Div)
Time (250
μs/Div)
CH3 Load Transient Response
VBAT = 3.7V, VOUT = 1V,
IOUT = 100mA to 300mA, L = 2.2
μH, COUT = 10μF
VOUT_CH3_ac
(20mV/Div)
IOUT
(200mA/Div)
Time (250
μs/Div)
CH1 Load Transient Response
VBAT = 3.7V, VOUT = 5V,
IOUT = 0 to 300mA, L = 2.2
μH, COUT = 10μF x 2
VOUT_CH1_ac
(100mV/Div)
IOUT
(200mA/Div)
Time (250
μs/Div)
CH2 Load Transient Response
IOUT = 100mA to 300mA,
L = 2.2
μH, COUT = 10μF x 2
VOUT_CH2_ac
(50mV/Div)
IOUT
(200mA/Div)
VBAT = 3.7V, VOUT = 3.3V,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com