Electronic Components Datasheet Search
  English  ▼

X  

RT5072 Datasheet(PDF) 55 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 55 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 51Page - Richtek Technology Corporation RT5072 Datasheet HTML 52Page - Richtek Technology Corporation RT5072 Datasheet HTML 53Page - Richtek Technology Corporation RT5072 Datasheet HTML 54Page - Richtek Technology Corporation RT5072 Datasheet HTML 55Page - Richtek Technology Corporation RT5072 Datasheet HTML 56Page - Richtek Technology Corporation RT5072 Datasheet HTML 57Page - Richtek Technology Corporation RT5072 Datasheet HTML 58Page - Richtek Technology Corporation RT5072 Datasheet HTML 59Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
RT5072
55
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
JEITA
VSETH
VSETC
ISETH
ISETC
CHGSTEN
INT
DPM
Default
0
0
0
0
0
1
0
0
A9
0x09
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
BAT charge current and regulation voltage control scheme.
JEITA = 0, it means the charger operation is automatic (JEITA rule).
JEITA, VSETH,
VSETC, ISETH, ISETC
JEITA = 1, User can set the VSETH/VSETC to decide the BAT regulate voltage
and set ISETH/ISETC to decide the BAT charge current level. The control
scheme is listed as below.
Used to control CHG pin status.
0 : See FLSH set.
CHGSTEN
1 : Base on charging status.
CHGSTEN = 0 (A9.bit2 = 0)
Charging Status
CHGSTEN = 1
(A9.bit2 = 1)
FLST = 1
(A5.bit7 = 1)
FLST = 0
(A5.bit7 = 0)
No Charging/
Charging Finish
High impedance
(No flashing)
Pre-Charge/
Fast Charge
0.5Hz (2s)
Abnormal (Fault timer
timeout, in thermal
regulation, battery too
cold or too hot
4Hz (0.25s)
High
Impedance
Low
Control the output of INT open drain port. The bit value is inverted of INT output.
When interrupt events happen, INT port goes low and this bit A9. INT would be
triggered to 1. Micro-processor must write this bit to be 0 for making INT go high.
0 : INT = High
INT
1 : INT = Low
The DPM bit is the charger VIN DPM status bit. It means the charger DPM (VIN
falls and regulates at 4.35V) is activated or not.
0 : VIN DPM not activated.
1 : VIN DPM activated (working).
DPM
Note : when PMU turns on, it would check the bit DPM and compare to the value
0. If it is different, INT would be asserted. After PMU is on, once DPM bit toggles,
INT also asserts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com