Electronic Components Datasheet Search
  English  ▼

X  

RT5072 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 18Page - Richtek Technology Corporation RT5072 Datasheet HTML 19Page - Richtek Technology Corporation RT5072 Datasheet HTML 20Page - Richtek Technology Corporation RT5072 Datasheet HTML 21Page - Richtek Technology Corporation RT5072 Datasheet HTML 22Page - Richtek Technology Corporation RT5072 Datasheet HTML 23Page - Richtek Technology Corporation RT5072 Datasheet HTML 24Page - Richtek Technology Corporation RT5072 Datasheet HTML 25Page - Richtek Technology Corporation RT5072 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
RT5072
22
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
CH8 LDO Output Voltage vs. Output Current
2.400
2.425
2.450
2.475
2.500
2.525
2.550
2.575
2.600
0
50
100 150 200 250 300 350 400 450 500
Output Current (mA)
VOUT = 1.3V
PVD8 = 2.7V
PVD8 = 3.3V
VBAT = 3.7V, VOUT = 5V,
IOUT = 400mA, L = 2.2
μH, COUT = 10μF x 2
Time (500ns/Div)
CH1 Output Voltage Ripple
VOUT_CH1_ac
(5mV/Div)
LX1
(5V/Div)
Time (500ns/Div)
CH2 Output Voltage Ripple
VBAT = 3.7V, VOUT = 3.3V,
IOUT = 400mA, L = 2.2
μH, COUT = 10μF x 2
VOUT_CH2_ac
(5mV/Div)
LX2
(5V/Div)
Time (500ns/Div)
CH3 Output Voltage Ripple
VBAT = 3.7V, VOUT = 1V,
IOUT = 400mA, L = 2.2
μH, COUT = 10μF
VOUT_CH3_ac
(5mV/Div)
LX3
(5V/Div)
Time (500ns/Div)
CH4 Output Voltage Ripple
VBAT = 3.7V, VOUT = 1.5V,
IOUT = 400mA, L = 2.2
μH, COUT = 10μF
VOUT_CH4_ac
(5mV/Div)
LX4
(5V/Div)
Time (500ns/Div)
CH5 Output Voltage Ripple
VBAT = 3.7V, VOUT = 1.8V,
IOUT = 400mA, L = 2.2
μH, COUT = 10μF
VOUT_CH5_ac
(5mV/Div)
LX5
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com