Electronic Components Datasheet Search
  English  ▼

X  

RT7310 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7310 Datasheet HTML 1Page - Richtek Technology Corporation RT7310 Datasheet HTML 2Page - Richtek Technology Corporation RT7310 Datasheet HTML 3Page - Richtek Technology Corporation RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7310-00
October
2014
4
Primary-Side Constant-Current Regulation
RT7310 needs no shunt regulator and opto-coupler at
the secondary side to achieve the output current
regulation. Figure 3 shows several key waveforms of a
conventional flyback converter in Quasi-Resonant (QR)
mode, in which VAUX is the voltage on the auxiliary
winding of the transformer.
VAUX
VIN
IQ1
GD
(VGS)
(VOUT + Vf) x NA / NS
0
0
VIN x NA / NP
IDOUT
Clamped by
controller
VDS
Figure 3. Key Waveforms of a Flyback Converter
Voltage Clamping Circuit
RT7310 provides a voltage clamping circuit at ZCD pin
since the voltage on the auxiliary winding is negative
when the main switch is turned on. The lowest voltage
on ZCD pin is clamped near zero to prevent the IC from
being damaged by the negative voltage. Meanwhile,
the sourcing ZCD current (IZCD_SH), flowing through the
upper resistor (RZCD1), is sampled and held to be a
line-voltage-related
signal
for
propagation
delay
compensation. RT7310 embeds the programmable
propagation delay compensation through CS pin. A
sourcing current ICS (equal to IZCD_SH x KPC) applies a
voltage offset (ICS x RPC) which is proportional to line
voltage on CS to compensate the propagation delay
effect. Thus, the total power limit or output current can
be equal at high and low line voltage.
Quasi-Resonant Operation
For improving converter
’s efficiency, RT7310 detects
valleys of the Drain-to-Source voltage (VDS) of main
switch and turns it on near the selected valley. For the
valley detections, a pulse of the
“valley signal” is
generated after a 500ns (typ.) delay time which starts at
which the voltage (VZCD) on ZCD pin goes down and
reaches the voltage threshold (VZCDT, 0.4V typ.).
During the rising of the VZCD, the VZCD must reach the
voltage threshold (VZCDA, 0.5V typ.). Otherwise, no
pulse of the
“valley signal” is generated. Moreover, if
the timing when the falling VZCD reaches VZCDT is not
later than a mask time (tMASK, 2s typ.) then the valley
signal will be masked and regards as no valley, as
shown in Figure 4.
VZCD
Valley
Signal
PWM
500ns
tMASK
VZCDA
VZCDT
Figure 4. Valley Signal Generating Method
Figure 5 illustrates how valley signal triggers PWM. If
no valley signal detected for a long time, the next PWM
is triggered by a starter circuit at end of the interval
(tSTART, 75s typ.) which starts at the rising edge of the
previous PWM signal. A blanking time (tS(MIN), 8.5s
typ.), which starts at the rising edge of the previous
PWM signal, limits minimum switching period. When
the tS(MIN) interval is on-going, all of valley signals are
not allowed to trigger the next PWM signal. After the
end of the tS(MIN) interval, the coming valley will trigger
the next PWM signal. If one or more valley signals are
detected during the tS(MIN) interval and no valley is
detected after the end of the tS(MIN) interval, the next
PWM signal will be triggered automatically at end of the
tS(MIN) + 5s (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com