Electronic Components Datasheet Search
  English  ▼

X  

RT7310 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7310 Datasheet HTML 1Page - Richtek Technology Corporation RT7310 Datasheet HTML 2Page - Richtek Technology Corporation RT7310 Datasheet HTML 3Page - Richtek Technology Corporation RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7310-00
October
2014
www.richtek.com
5
PWM
tS(MIN)
5µs
Valley
Signal
PWM
tS(MIN)
Valley
Signal
PWM
Valley
Signal
tS(MIN)
PWM
Valley
Signal
tSTART
……
……
Figure 5. PWM Triggered Method
Protections
LED Open-Circuit Protection
In an event of output open circuit, the converter will be
shut down to prevent being damaged. Once the LED is
open-circuit, the output voltage and VZCD will rise.
When the sample-and-hold ZCD voltage (VZCD_SH)
exceeds its OV threshold (VZCD_OVP, 3.1V typ.), output
OVP will be activated and the PWM output (GD pin) will
be forced low to turn off the main switch.
LED Short-Circuit Protection
LED short-circuit protection can be achieved by
cycle-by-cycle
current
limitation,
and
it
will
be
auto-restarted when the output is recovered.
Output Diode Short-Circuit Protection
When the output diode is damaged as short-circuit, the
transformer will be led to magnetic saturation and the
main switch will suffer from a high current stress. To
avoid the above situation, an output diode short-circuit
protection is built-in. When CS voltage VCS exceeds
the threshold (VCS_SD 1.5 typ.) of the output diode
short-circuit protection, RT7310 will shut down the
PWM output (GD pin) in few cycles to prevent the
converter from damage.
VDD Under-Voltage Lockout (UVLO) and
Over-Voltage Protection (VDD OVP)
RT7310 will be enabled when VDD voltage (VDD)
exceeds rising UVLO threshold (VTH_ON, 16V typ.) and
disabled when VDD is lower than falling UVLO
threshold (VTH_OFF, 9V typ.).
When VDD exceeds its over-voltage threshold (VOVP,
27V typ.), the PWM output of RT7310 is shut down. It
will be auto-restarted when the VDD is recovered to a
normal level.
Over-Temperature Protection (OTP)
The RT7310 provides an internal OTP function to
protect the controller itself from suffering thermal stress
and permanent damage. It is not suggested to use the
function as precise control of over temperature. Once
the junction temperature is higher than the OTP
threshold (TSD, 150°C typ.), the controller will shut
down until the temperature cools down by 30°C (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com