Electronic Components Datasheet Search
  English  ▼

X  

RT7310 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation RT7310 Datasheet HTML 10Page - Richtek Technology Corporation RT7310 Datasheet HTML 11Page - Richtek Technology Corporation RT7310 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7310-00
October
2014
www.richtek.com
11
dissipation at TA = 25°C can be calculated by the
following formula :
PD(MAX) = (125°C − 25°C) / (235.6°C/W) = 0.42W for
SOT-23-6 package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal
resistance, θJA. The derating curve in Figure 6
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
Ambient Temperature (°C)
Two-Layer PCB
Figure 6. Derating Curve of Maximum Power
Dissipation
Layout Considerations
A proper PCB layout can abate unknown noise
interference and EMI issue in the switching power
supply. Please refer to the guidelines when designing a
PCB layout for switching power supply :
The current path(1) from input capacitor, transformer,
MOSFET, RCS return to input capacitor is a high
frequency current loop. The path(2) from GD pin,
MOSFET, RCS return to input capacitor is also a high
frequency current loop. They must be as short as
possible to decrease noise coupling and kept a
space to other low voltage traces, such as IC control
circuit
paths,
especially.
Besides,
the
path(3)
between MOSFET ground(b) and IC ground(d) is
recommend to be as short as possible, too.
The path(4) from RCD snubber circuit to MOSFET is
a high switching loop. Keep it as small as possible.
It is good for reducing noise, output ripple and EMI
issue to separate ground traces of input capacitor(a),
MOSFET(b), auxiliary winding(c) and IC control
circuit(d). Finally, connect them together on input
capacitor ground(a). The areas of these ground
traces should be kept large.
Placing bypass capacitor for abating noise on IC is
highly recommended. The capacitors CCOMP, CZCD,
and CCS should be placed as close to controller as
possible.
To minimize parasitic trace inductance and EMI,
minimize the area of the loop connecting the
secondary winding, the output diode, and the output
filter capacitor. In addition, apply sufficient copper
area at the anode and cathode terminal of the diode
for heat-sinking. It is recommended to apply a larger
area at the quiet cathode terminal. A large anode
area will induce high-frequency radiated EMI.
Input capacitor
Ground (a)
IC
Ground (d)
Auxiliary
Ground (c)
MOSFET
Ground (b)
Trace
Trace
Trace
GD
CS
RT7310
(4)
(2)
(b)
(3)
(a)
(1)
GND
ZCD
VDD
COMP
(d)
(c)
CZCD
CCOMP
CCS
Line
Neutral
VOUT+
VOUT-
Figure 7. PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com