Electronic Components Datasheet Search
  English  ▼

X  

RT7310 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation RT7310 Datasheet HTML 10Page - Richtek Technology Corporation RT7310 Datasheet HTML 11Page - Richtek Technology Corporation RT7310 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7310-00
October
2014
10
Application Information
Output Current Setting
Considering the conversion efficiency, the programmed
DC level of the average output current (IOUT(t)) can be
derived as:
P
CC
OUT_CC
TX1
S
CS
1 N
K
I
CTR
2 N
R
 
SEC_PK
S
TX1
PRI_PK
P
I
N
CTR
IN

,
in which CTRTX1 is the current transfer ratio of the
transformer TX1, ISEC_PK is the peak current of the
secondary side, and IPRI_PK is the peak current of the
primary side. CTRTX1 can be estimated to be 0.9.
According to the above parameters, current sense
resistor RCS can be determined as the following
equation :
P
CC
CS
TX1
S
OUT_CC
1 N
K
R
CTR
2 N
I
 
Propagation Delay Compensation Design
The VCS deviation (VCS) caused by propagation delay
effect can be derived as:
IN
d
CS
CS
m
V
t
R
V
L


,
in which td is the delay period which includes the
propagation delay of RT7310 and the turn-off transition
of the main MOSFET. The sourcing current from CS pin
of RT7310 (ICS) can be expressed as :
A
CS
PC
IN
P
ZCD1
N1
I
K
V
NR
where NA is the turns number of auxiliary winding.
RPC can be designed by :
CS
d
CS
ZCD1
P
PC
CS
m
PC
A
V
t
R
R
N
R
I
L
K
N
Minimum On-Time Setting
RT7310 limits a minimum on-time (tON(MIN)) for each
switching cycle. The tON(MIN) is a function of the
sample-and-hold ZCD current (IZCD_SH) as following :
ON(MIN) ZCD_SH
t
I
405p sec A (typ.)
IZCD_SH can be expressed as :
IN
A
ZCD_SH
ZCD1
P
VN
I
RN
Thus, RZCD1 can be determined by:
 
ON(MIN)
IN
A
ZCD1
P
tV
N
R
typ.
405p
N

In addition, the current flowing out of ZCD pin must be
lower than 2.5mA (typ.). Thus, the RZCD1 is also
determined by:
AC(MAX)
A
ZCD1
P
2V
N
R
2.5m
N

where the VAC(MAX) is maximum input AC voltage.
Output Over-Voltage Protection Setting
Output OVP is achieved by sensing the knee voltage
on the auxiliary winging. It is recommended that output
OV level (VO_OVP) is set at 120% of nominal output
voltage (VO). Thus, RZCD1 and RZCD2 can be
determined by the equation as :
A
ZCD2
O
S
ZCD1
ZCD2
NR
V
120%
3.1V (typ.)
N
R
R
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula:
PD(MAX) = (TJ(MAX) − TA ) / θJA
Where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and θJA is the junction
to ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125°C. The
junction to ambient
thermal resistance, θJA, is layout
dependent. For SOT-23-6 packages, the thermal
resistance, θJA, is 235.6°C/W on a standard JEDEC
51-3 two-layer thermal test board. The maximum power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com