Electronic Components Datasheet Search
  English  ▼

X  

RT7310 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7310 Datasheet HTML 3Page - Richtek Technology Corporation RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation RT7310 Datasheet HTML 10Page - Richtek Technology Corporation RT7310 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7310-00
October
2014
www.richtek.com
7
Timing Control Section
Voltage Ramp Slope of the Ramp
Generator Output
Sramp
228
270
312
mV/
s
Minimum On-Time
tON(MIN)
IZCD = 150A
2.2
2.7
3.2
s
Maximum On-Time
tON(MAX)
--
65
--
s
Minimum Switching Period
tS(MIN)
7
8.5
10
s
Duration of Starter
tSTART
At no valley detected
--
75
--
s
Current Sense Section
Blanking Time
tLEB
LEB + Propagation Delay
(Note 5)
240
400
570
ns
Output Diode Short-Circuit
Protection Voltage Threshold at CS
VCS_SD
--
1.5
--
V
CS Voltage Threshold for Peak
Current Limitation
VCS_CL
0.93
1.03
1.13
V
Propagation Delay Compensation
Factor
KPC
Sourcing ICS = IZCD x KPC,
IZCD = 150A
--
0.02
--
A/A
Gate Driver Section
GD Voltage Rising Time
tR
CL = 1nF
--
60
80
ns
GD Voltage Falling Time
tF
CL = 1nF
--
40
70
ns
GD Output Clamping Voltage
VCLAMP
CL = 1nF
--
13
--
V
Internal GD Pull Low Resistor
RGD
--
40
--
k
Over-Temperature Protection Section
Over-Temperature Threshold
TSD
(Note 5)
--
150
--
°C
Over-Temperature Threshold
Hysteresis
TSD_HYS
(Note 5)
--
30
--
°C
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured in the natural convection at TA = 25C on a low effective two layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com