Electronic Components Datasheet Search
  English  ▼

X  

RT8265 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8265 Datasheet HTML 1Page - Richtek Technology Corporation RT8265 Datasheet HTML 2Page - Richtek Technology Corporation RT8265 Datasheet HTML 3Page - Richtek Technology Corporation RT8265 Datasheet HTML 4Page - Richtek Technology Corporation RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT8265
4
DS8265-02 March 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VFB
4.75V
≤ VIN ≤ 24V
0.784
0.8
0.816
V
High Side Switch-On Resistance
RDS(ON)1
--
0.11
--
Ω
Low Side Switch-On Resistance
RDS(ON)2
--
10
--
Ω
Switch Leakage
VEN = 0V, VSW = 0V
--
--
10
μA
Current Limit
ILIM
3.8
5
--
A
Oscillator Frequency
fSW
--
1
--
MHz
Short Circuit Oscillation Frequency
--
100
--
kHz
Maximum Duty Cycle
--
85
--
%
Minimum On-Time
tON
--
100
--
ns
Under Voltage Lockout Threshold
Rising
3.8
4.2
4.65
V
Under Voltage Lockout Threshold
Hysteresis
--
200
--
mV
En input Low Voltage
--
--
0.4
V
En input High Voltage
1.4
--
--
V
Enable Pull Up Current
--
1
3
μA
Shutdown Current
ISHDN
VEN = 0V
--
25
--
μA
Quiescent Current
IQ
VEN = 2V, VFB = 1V
--
0.8
1
mA
Soft-Start Period
CSS = 0.1μF
--
10
--
ms
Thermal Shutdown
TSD
--
150
--
°C
(VIN = 12V, TA = 25° C unless otherwise specified)
Absolute Maximum Ratings (Note 1)
Supply Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 26V
Input Voltage, SW -------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT Voltage ------------------------------------------------------------------------------------------------ (VSW
− 0.3V) to (VSW + 6V)
All Other Voltage ---------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------- 1.333W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA -------------------------------------------------------------------------------- 75°C/W
Junction Temperature --------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ----------------------------------------------------------------------------------------- 4.75V to 24V
Enable Voltage, VEN ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com