Electronic Components Datasheet Search
  English  ▼

X  

RT8265 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8265 Datasheet HTML 3Page - Richtek Technology Corporation RT8265 Datasheet HTML 4Page - Richtek Technology Corporation RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation RT8265 Datasheet HTML 10Page - Richtek Technology Corporation RT8265 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8265
7
DS8265-02 March 2011
www.richtek.com
Current Limit vs. Input Voltage
3.00
3.50
4.00
4.50
5.00
5.50
6.00
4
6.5
9
11.5
14
16.5
19
21.5
24
Input Voltage (V)
Peak Current, VOUT = 3.3V
Frequency vs. Input Voltage
0.88
0.90
0.92
0.94
0.96
0.98
1.00
4
6.5
9
11.5
14
16.5
19
21.5
24
Input Voltage (V)
VOUT = 3.3V, IOUT = 0.3A
Load Transient Response
Time (50
μs/Div)
IOUT
(2A/Div)
VOUT
(50mV/Div)
VIN = 12V, IOUT = 1.5A to 3A
Current Limit vs. Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 12V
VIN = 24V
Peak Current, VOUT = 3.3V
Frequency vs. Temperature
0.80
0.84
0.88
0.92
0.96
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V
VIN = 24V
VOUT = 3.3V, IOUT = 0.3A
Quiescent Current vs. Temperature
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V
VIN = 24V
VOUT = 3.3V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com