Electronic Components Datasheet Search
  English  ▼

X  

RT8265 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation RT8265 Datasheet HTML 10Page - Richtek Technology Corporation RT8265 Datasheet HTML 11Page - Richtek Technology Corporation RT8265 Datasheet HTML 12Page - Richtek Technology Corporation RT8265 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT8265
11
DS8265-02 March 2011
www.richtek.com
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR) also begins to charge or discharge
COUTgenerating a feedback error signal for the regulator to
return VOUT to its steady-state value. During this recovery
time, VOUT can be monitored for overshoot or ringing that
would indicate a stability problem.
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum power
dissipation depends on the thermal resistance of IC
package, PCB layout, the rate of surroundings airflow and
temperature difference between junction to ambient. The
maximum power dissipation can be calculated by following
formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8265, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For SOP-8 (Exposed
Pad) packages, the thermal resistance
θJA is 75°C/W on
the standard JEDEC 51-7 four-layers thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by following formula:
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W for
SOP-8 (Exposed Pad) packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal resistance
θJA. For RT8265 packages, the Figure 3 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of RT8265.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept at small area. Keep analog components away
from the LX node to prevent stray capacitive noise pick-
up.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8265.
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.
An example of PCB layout guide is shown in Figure 4
for reference.
Figure 3. Derating Curves for RT8265 Packages
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
025
50
75
100
125
Ambient Temperature (°C)
Four Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com