Electronic Components Datasheet Search
  English  ▼

X  

RT8265 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8265 Datasheet HTML 1Page - Richtek Technology Corporation RT8265 Datasheet HTML 2Page - Richtek Technology Corporation RT8265 Datasheet HTML 3Page - Richtek Technology Corporation RT8265 Datasheet HTML 4Page - Richtek Technology Corporation RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8265
3
DS8265-02 March 2011
www.richtek.com
Function Block Diagram
R
Q
S
Q
VA
Control
Logic
+
-
+
-
+
-
+
-
EA
UV
Comparator
Oscillator
1MHz/150kHz
VIN_track
0.64V
Internal
Regulator
+
-
1V
1µA
Shutdown
Comparator
Current Sense
Amplifier
SS
BOOT
VIN
GND
SW
FB
EN
COMP
+
-
OC Limit
Comparator
0.8V
+
15µA
VCC
3V
10k
VA VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com