Electronic Components Datasheet Search
  English  ▼

X  

RT8265 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation RT8265 Datasheet HTML 10Page - Richtek Technology Corporation RT8265 Datasheet HTML 11Page - Richtek Technology Corporation RT8265 Datasheet HTML 12Page - Richtek Technology Corporation RT8265 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT8265
10
DS8265-02 March 2011
www.richtek.com
Ferrite core material saturates
“hard”, which means that
inductance collapses abruptly when the peak design current
is exceeded. The previous situation results in an abrupt
increase in inductor ripple current and consequent output
voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy materials
are small and do not radiate energy. However, they are
usually more expensive than the similar powdered iron
inductors. The rule for inductor choice mainly depends on
the price vs. size requirement and any radiated field/EMI
requirements.
Diode Selection
When the power switch turns off, the path for the current
is through the diode connected between the switch output
and ground. This forward biased diode must have a
minimum voltage drop and recovery times. Schottky diode
is recommended and it should be able to handle those
current. The reverse voltage rating of the diode should be
greater than the maximum input voltage, and current rating
should be greater than the maximum load current. For
more detail please refer to Table 3.
CIN and COUT Selection
The input capacitance, CIN,is needed to filter the trapezoidal
current at the source of the high side MOSFET. To prevent
large ripple current, a low ESR input capacitor sized for
the maximum RMS current should be used. The RMS
current is given by :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
size or height requirements in the design.
For the input capacitor, a 10
μF low ESR ceramic capacitor
is recommended. For the recommended capacitor, please
refer to table 2 for more detail. The input capacitor has to
connect another 10
μF ceramic capacitor between the input
and ground when the input voltage is lower than 6.5V.
The selection of COUT is determined by the required ESR
to minimize voltage ripple.
Moreover, the amount of bulk capacitance is also a key for
COUT selection to ensure that the control loop is stable.
Loop stability can be checked by viewing the load transient
response as described in a later section.
The output ripple,
ΔVOUT , is determined by :
The output ripple will be highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Dry tantalum,
special polymer, aluminum electrolytic and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors offer very low ESR value.
However, it provides lower capacitance density than other
types. Although Tantalum capacitors have the highest
capacitance density, it is important to only use types that
pass the surge test for use in switching power supplies.
Aluminum electrolytic capacitors have significantly higher
ESR. However, it can be used in cost-sensitive applications
for ripple current rating and long term reliability
considerations. Ceramic capacitors have excellent low ESR
characteristics but can have a high voltage coefficient and
audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to significant
ringing.
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at input and
output. When a ceramic capacitor is used at the input and
the power is supplied by a wall adapter through long wires,
a load step at the output can induce ringing at the input,
VIN. At best, this ringing can couple to the output and be
mistaken as loop instability. At worst, a sudden inrush of
current through the long wires can potentially cause a
voltage spike at VIN large enough to damage the part.
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
−
OUT
L
OUT
1
V
I
ESR
8fC
⎡⎤
Δ≤ Δ
+
⎢⎥
⎣⎦



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com