Electronic Components Datasheet Search
  English  ▼

X  

RT8487 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8487 Datasheet HTML 1Page - Richtek Technology Corporation RT8487 Datasheet HTML 2Page - Richtek Technology Corporation RT8487 Datasheet HTML 3Page - Richtek Technology Corporation RT8487 Datasheet HTML 4Page - Richtek Technology Corporation RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS8487-00
March
2015
4
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage (VCC) -----------------------------------------------------------------------------------------
40V
Power Dissipation, PD @ TA = 25C
TSOT-23-6 ---------------------------------------------------------------------------------------------------------------
0.5W
Package Thermal Resistance
(Note 2)
TSOT-23-6,
JA ---------------------------------------------------------------------------------------------------------197.4C/W
Lead Temperature (Soldering, 10 sec.)---------------------------------------------------------------------------
260C
Junction Temperature -------------------------------------------------------------------------------------------------
150C
Storage Temperature Range ----------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------2kV
MM (Machine Model) --------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VCC ------------------------------------------------------------------------------------------
10V to 30V
Ambient Temperature Range----------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range ---------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VCC = 24V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC UVLO ON
VUVLO_ON
17
18
19
V
VCC UVLO OFF
VUVLO_OFF
6.4
7.2
8
V
VCC Shutdown Current
ISD
VCC = VUVLO_ON  3V
--
--
1
A
VCC Quiescent Current
IQC
Gate stands still
--
0.5
5
mA
VCC Operating Current
ICC
By CGATE = 1nF, Freq.= 20kHz
--
1
5
mA
VCC OVP Level
VOVP
--
34
--
V
Sense Pin Leakage Current
ISENSE
VSENSE = 3V
--
1
5
A
Current Sense Threshold
VSENSE
242.5
250
257.5
mV
AND Pin Leakage Current
IAND
VAND = 5V
--
1
2
A
GATE Voltage High
VGATE_H
IGATE = 0mA
10.5
12
--
V
IGATE = 10mA
9
10
--
GATE Driver
Rising Time
tr
--
50
--
ns
Falling Time
tf
--
25
--
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com