Electronic Components Datasheet Search
  English  ▼

X  

RT8487 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation RT8487 Datasheet HTML 10Page - Richtek Technology Corporation RT8487 Datasheet HTML 11Page - Richtek Technology Corporation RT8487 Datasheet HTML 12Page - Richtek Technology Corporation RT8487 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8487-00
March
2015
www.richtek.com
9
Application Information
RT8487 is a boundary mode, high efficiency constant
current controller with internal high side driver, which
can be used in buck and buck-boost configuration, to
provide a constant output current to the (LED) load. It
contains special circuitry for achieving high power
factor and low input current THD, while minimizing
external
component
count.
The
small
SOT23-6
package keeps application footprint small, and makes
RT8487 a cost effective solution for off-line LED
drivers.
The RT8487 can achieve high accuracy LED output
current via the average current feedback loop control.
The internal sense voltage (250mV typ.) is used to set
the average output current.
The average current is
set by the external resistor, RS.
The sense voltage is
also used for over current protection(OCP) function.
The typical OCP threshold is about seven times of the
sense voltage threshold.
Under Voltage Lockout (UVLO)
The RT8487 includes a UVLO function with 10.8V
hysteresis.
For system start up, the VIN must rise over 18V (typ.)
to turn on the GATE terminal.
The GATE terminal will turn off if VIN falls below 7.2V
(typ.)
Setting Average Output Current
The output current that flows through the LED string is
set by an external resistor, RS, which is connected
between
the GND and SENSE pins. The relationship between
output current, IOUT, and RS is shown below :
OUT
S
250
I
=
mA
R
Start-Up Resistor
The start-up resistor should be chosen to set the start
up current exceeds certain minimum value. Otherwise,
the RT8487 may latch off and the system will never
start. The start-up current equals
2 90V / R1 +R2
(for 110VAC regions), and equals
2 180V / R1 +R2
(for 220VAC regions). The typical required minimum
start-up current is 100
A. The typical total start up
resistance (R1 + R2) is around 1M Ohm for universal
inputs.
Input Diode Bridge Rectifier Selection
The current rating of the input bridge rectifier is
dependent on the VOUT /VIN conversion ratio and out
LED current. The voltage rating of the input bridge
rectifier, VBR, on the other hand, is only
dependent on the input voltage. Thus, the VBR rating is
calculated as below :
BR
AC(MAX)
V
= 1.2
2
V

where VAC(MAX) is the maximum input voltage (RMS)
and the parameter 1.2 is used for safety margin.
For this example :
 
BR
AC(MAX)
V
= 1.2
2
V
= 1.2
2
264 = 448V
If the input source is universal, VBR will reach 448V. In
this case, a 600V, 0.5A bridge rectifier can be chosen.
Input Capacitor Selection
For High Power Factor application, the input Capacitor
CIN should use a small value capacitance to achieve
line voltage sine-wave.
The voltage rating of the input filter capacitor, VCIN,
should be large enough to handle the input voltage.
 
IN
AC(MAX)
V
1.2
2
V
= 1.2
2
264 = 448V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com