Electronic Components Datasheet Search
  English  ▼

X  

RT8487 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8487 Datasheet HTML 1Page - Richtek Technology Corporation RT8487 Datasheet HTML 2Page - Richtek Technology Corporation RT8487 Datasheet HTML 3Page - Richtek Technology Corporation RT8487 Datasheet HTML 4Page - Richtek Technology Corporation RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8487-00
March
2015
www.richtek.com
5
Typical Application Circuit
Buck
:
4
5
2
1
3
6
COUT
L1
RS1M
D2
RS
D1
Q1
C1
R1
+
-
Bridge Rectifier
CIN
R3B
AND
VCC
GATE
SENSE
GND
VC
C2
R2
RB
10
470
μH
0.8
ES2J
270
μF/63V
MTN4N60
511K
511K
0.1
μF/500V
100k
1
μF
4.7
μF/50V
RT8487



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com