Electronic Components Datasheet Search
  English  ▼

X  

RT8487 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8487 Datasheet HTML 3Page - Richtek Technology Corporation RT8487 Datasheet HTML 4Page - Richtek Technology Corporation RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation RT8487 Datasheet HTML 10Page - Richtek Technology Corporation RT8487 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8487-00
March
2015
www.richtek.com
7
Efficiency vs. Input Voltage
75
80
85
90
95
100
85
105
125
145
165
185
205
225
245
265
Input Voltage (V)
VIN_AC = 90V to 264V
IOUT = 300mA, LED 14pcs,
L = 470μH
Output Current vs. Input Voltage
250
260
270
280
290
300
310
320
330
340
350
85
105
125
145
165
185
205
225
245
265
Input Voltage (V)
VIN_AC = 90V to 264V
IOUT = 300mA, LED 14pcs,
L = 470μH
Power Factor vs. Input Voltage
0.70
0.75
0.80
0.85
0.90
0.95
1.00
85
105
125
145
165
185
205
225
245
265
Input Voltage (V)
VIN_AC = 90V to 264V
IOUT = 300mA, LED 14pcs,
L = 470μH
VIN_AC = 264V
Input and Output Current
Time (5ms/Div)
VIN
(500V/Div)
VOUT
(50V/Div)
IIN
(200mA/Div)
IOUT
(500mA/Div)
IOUT = 300mA, LED 14pcs, L = 470μH
Power On
Time (100ms/Div)
VIN
(500V/Div)
VOUT
(20V/Div)
IOUT
(200mA/Div)
VIN_AC = 264V
IOUT = 300mA,
LED 14pcs, L = 470μH
Power Off
Time (100ms/Div)
VIN
(500V/Div
VOUT
(20V/Div)
IOUT
(200mA/Div)
VIN_AC = 264V
IOUT = 300mA,
LED 14pcs, L = 470μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com