Electronic Components Datasheet Search
  English  ▼

X  

RT9832 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9832
Description  PWM Duty Generator with Adjustable Duty Setting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9832 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9832 Datasheet HTML 2Page - Richtek Technology Corporation RT9832 Datasheet HTML 3Page - Richtek Technology Corporation RT9832 Datasheet HTML 4Page - Richtek Technology Corporation RT9832 Datasheet HTML 5Page - Richtek Technology Corporation RT9832 Datasheet HTML 6Page - Richtek Technology Corporation RT9832 Datasheet HTML 7Page - Richtek Technology Corporation RT9832 Datasheet HTML 8Page - Richtek Technology Corporation RT9832 Datasheet HTML 9Page - Richtek Technology Corporation RT9832 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9832
6
DS9832-00
January 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
PWM Frequency vs. Input Voltage
0.45
0.46
0.47
0.48
0.49
0.50
0.51
0.52
0.53
2.8
4.95
7.1
9.25
11.4 13.55 15.7 17.85
20
Input Voltage (V)
PWM Frequency vs. Temperature
0.470
0.472
0.474
0.476
0.478
0.480
0.482
0.484
0.486
0.488
0.490
-50-25
0
25
50
75100
125
Temperature (°C)
RSET Voltage vs. Input Voltage
0.833
0.837
0.841
0.845
0.849
0.853
0.857
0.861
0.865
2.8
4.95
7.1
9.25
11.4 13.55 15.7 17.85
20
Input Voltage (V)
Supply Current vs. Input Voltage
50
100
150
200
250
300
350
2.8
4.95
7.1
9.25
11.4 13.55 15.7 17.85
20
Input Voltage (V)
VCC = 2.8V to 20V, EN = Low, RSET = 500k
Ω
Supply Current vs. Temperature
0
50
100
150
200
250
-50-25
0
25
50
75100
125
Temperature (°C)
VCC = 5V, EN = Low, RSET = 500k
Ω
Shutdown Current vs. Input Voltage
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.8
4.95
7.1
9.25
11.4 13.55 15.7 17.85
20
Input Voltage (V)
VCC = 5V, EN = High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com