Electronic Components Datasheet Search
  English  ▼

X  

RT9832 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9832
Description  PWM Duty Generator with Adjustable Duty Setting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9832 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9832 Datasheet HTML 3Page - Richtek Technology Corporation RT9832 Datasheet HTML 4Page - Richtek Technology Corporation RT9832 Datasheet HTML 5Page - Richtek Technology Corporation RT9832 Datasheet HTML 6Page - Richtek Technology Corporation RT9832 Datasheet HTML 7Page - Richtek Technology Corporation RT9832 Datasheet HTML 8Page - Richtek Technology Corporation RT9832 Datasheet HTML 9Page - Richtek Technology Corporation RT9832 Datasheet HTML 10Page - Richtek Technology Corporation RT9832 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9832
7
DS9832-00
January 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RSET Voltage vs. Temperature
0.833
0.837
0.841
0.845
0.849
0.853
0.857
0.861
0.865
-50-25
0
25
50
75100
125
Temperature (°C)
Duty Cycle vs. RSET Resistance
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
RSET Resistance (k )
Specification
Measure Result
Ω
Duty Cycle
Time (500ms/Div)
VIN = 4V, RSET = 10k
Ω, Duty = 1%
VRSET
(500mV/Div)
VOUT
(1V/Div)
Duty Cycle
Time (500ms/Div)
VIN = 4V, RSET = 250k
Ω, Duty = 25%
VRSET
(500mV/Div)
VOUT
(1V/Div)
Duty Cycle
Time (500ms/Div)
VIN = 4V, RSET = 500k
Ω, Duty = 50%
VRSET
(500mV/Div)
VOUT
(1V/Div)
Duty Cycle
Time (500ms/Div)
VIN = 4V, RSET = 750k
Ω, Duty = 75%
VRSET
(500mV/Div)
VOUT
(1V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com