Electronic Components Datasheet Search
  English  ▼

X  

RT9832 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9832
Description  PWM Duty Generator with Adjustable Duty Setting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9832 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9832 Datasheet HTML 1Page - Richtek Technology Corporation RT9832 Datasheet HTML 2Page - Richtek Technology Corporation RT9832 Datasheet HTML 3Page - Richtek Technology Corporation RT9832 Datasheet HTML 4Page - Richtek Technology Corporation RT9832 Datasheet HTML 5Page - Richtek Technology Corporation RT9832 Datasheet HTML 6Page - Richtek Technology Corporation RT9832 Datasheet HTML 7Page - Richtek Technology Corporation RT9832 Datasheet HTML 8Page - Richtek Technology Corporation RT9832 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9832
3
DS9832-00
January 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC -----------------------------------------------------------------------------------------------------
−0.3V to 22V
Output Voltage, OUT -----------------------------------------------------------------------------------------------------
−0.3V to 22V
EN, RSET -------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-6B 0.8x1.2 (BSC) --------------------------------------------------------------------------------------------- 0.68W
Package Thermal Resistance (Note 2)
WL-CSP-6B 0.8x1.2 (BSC),
θJA --------------------------------------------------------------------------------------- 148°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.8V to 20V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VCC = 4V, CIN = 0.47
μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
Supply Current
IVCC
VCC = 5V, EN = Low, RSET = 500kΩ
--
1
2
mA
UVLO Threshold
VUVLO
VCC Falling
--
2.5
--
V
UVLO Hysteresis
ΔV
UVLO
--
100
--
mV
VCC Shutdown Current
ISHDN
VCC = 5V, EN = High
--
3.5
--
μA
Duty Generator
RSET Voltage
VSET
0.833
0.85
0.867
V
PWM Frequency
fPWM
0.45
0.5
0.55
Hz
Minimum Duty Cycle
DMIN
1
--
--
%
Duty Cycle
Duty
--
RSET
/ 10k
--
%
Duty Cycle Accuracy
DACC
RSET = 50kΩ to 1000kΩ
−10
--
10
%
Output
OUT Current Sink Ability
ISINK
VCC ≥ 4V, VOUT = 0.1V
10
--
40
mA
OUT Leakage Current
ILEAK
VCC = 5V, EN = High, VOUT = 5V
−0.1
--
0.1
μA
Protection Function
Thermal Shutdown
TSD
--
160
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com