Electronic Components Datasheet Search
  English  ▼

X  

RT9832 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9832
Description  PWM Duty Generator with Adjustable Duty Setting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9832 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9832 Datasheet HTML 1Page - Richtek Technology Corporation RT9832 Datasheet HTML 2Page - Richtek Technology Corporation RT9832 Datasheet HTML 3Page - Richtek Technology Corporation RT9832 Datasheet HTML 4Page - Richtek Technology Corporation RT9832 Datasheet HTML 5Page - Richtek Technology Corporation RT9832 Datasheet HTML 6Page - Richtek Technology Corporation RT9832 Datasheet HTML 7Page - Richtek Technology Corporation RT9832 Datasheet HTML 8Page - Richtek Technology Corporation RT9832 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9832
®
DS9832-00
January 2013
www.richtek.com
1
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
PWM Duty Generator with Adjustable Duty Setting
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Cellular Phones
Digital Cameras
Probable Instruments
Pin Configurations
(TOP VIEW)
General Description
The RT9832 is a PWM duty generator with adjustable
duty setting. The PWM frequency is fixed 0.5Hz typically.
The duty cycle can be set by an external resistor between
the RSET and GND pins. When the RSET pin is floating,
the duty cycle is set at 50% typically. An open drain output
is provided and it can be pulled up to a suitable voltage
level with a pull-up resistor.
The device operates over a wide input voltage range from
2.8V to 20V. An active-low enable control pin is used to
reduce shutdown current to 3.5
μA. Input UVLO and thermal
shutdown are provided. The RT9832 is available in the
WL-CSP-6B 0.8x1.2 (BSC) package.
Features
Input Voltage Range : 2.8V to 20V
0.5Hz PWM Frequency
EN Pin with Internal Pull-Low Resistor
Open Drain Output
Adjustable PWM Duty from 1% to 100%
Input Under Voltage Lockout
Thermal Shutdown Protection
Shutdown Current : <3.5
μμμμμA
6-Ball WL-CSP Package
RoHS Compliant and Halogen Free
WL-CSP-6B 0.8x1.2 (BSC)
Marking Information
RT9832
Package Type
WSC : WL-CSP-6B 0.8x1.2 (BSC)
Simplified Application Circuit
0BW
0B : Product Code
W : Date Code
EN
NC
OUT
VCC
RSET
GND
B2
C2
C1
A1
A2
B1
RT9832
GND
VCC
CVIN
EN
OUT
RSET
RSET
Rpull-up
PWM
3.3V
VCC
Enable


Similar Part No. - RT9832

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-12GY RICHTEK-RT9833A-12GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-13GY RICHTEK-RT9833A-13GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-14GY RICHTEK-RT9833A-14GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-15GY RICHTEK-RT9833A-15GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results

Similar Description - RT9832

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6081B TEMIC-U6081B Datasheet
121Kb / 8P
PWM Power Control with Low Duty Cycle Switch Off
logo
Texas Instruments
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
Programmable Maximum Duty Cycle PWM Controller
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
ATMEL Corporation
U6084B ATMEL-U6084B Datasheet
183Kb / 10P
PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
PWM Power Control with Automatic Duty Cycle Reduction
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
PWM Power Control with Automatic Duty-cycle Reduction
logo
Texas Instruments
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com