Electronic Components Datasheet Search
  English  ▼

X  

MRF134 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF134
Description  N.CHANNEL MOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF134 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF134 Datasheet HTML 1Page - Tyco Electronics MRF134 Datasheet HTML 2Page - Tyco Electronics MRF134 Datasheet HTML 3Page - Tyco Electronics MRF134 Datasheet HTML 4Page - Tyco Electronics MRF134 Datasheet HTML 5Page - Tyco Electronics MRF134 Datasheet HTML 6Page - Tyco Electronics MRF134 Datasheet HTML 7Page - Tyco Electronics MRF134 Datasheet HTML 8Page - Tyco Electronics MRF134 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 5.0 mA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0)
IDSS
—
—
1.0
mAdc
Gate–Source Leakage Current (VGS = 20 V, VDS = 0)
IGSS
—
—
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (ID = 10 mA, VDS = 10 V)
VGS(th)
1.0
3.5
6.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 100 mA)
gfs
80
110
—
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
7.0
—
pF
Output Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
9.7
—
pF
Reverse Transfer Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
2.3
—
pF
FUNCTIONAL CHARACTERISTICS
Noise Figure
(VDS = 28 Vdc, ID = 200 mA, f = 150 MHz)
NF
—
2.0
—
dB
Common Source Power Gain
(VDD = 28 Vdc, Pout = 5.0 W, IDQ = 50 mA)
f = 150 MHz (Fig. 1)
f = 400 MHz (Fig. 14)
Gps
11
—
14
10.6
—
—
dB
Drain Efficiency (Fig. 1)
(VDD = 28 Vdc, Pout = 5.0 W, f = 150 MHz, IDQ = 50 mA)
η
50
55
—
%
Electrical Ruggedness (Fig. 1)
(VDD = 28 Vdc, Pout = 5.0 W, f = 150 MHz, IDQ = 50 mA,
VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 150 MHz Test Circuit
C1, C4 — Arco 406, 15–115 pF
C2 — Arco 403, 3.0–35 pF
C3 — Arco 402, 1.5–20 pF
C5, C6, C7, C8, C12 — 0.1
µF Erie Redcap
C9 — 10
µF, 50 V
C10, C11 — 680 pF Feedthru
D1 — 1N5925A Motorola Zener
L1 — 3 Turns, 0.310
″ ID, #18 AWG Enamel, 0.2″ Long
L2 — 3–1/2 Turns, 0.310
″ ID, #18 AWG Enamel, 0.25″ Long
L3 — 20 Turns, #20 AWG Enamel Wound on R5
L4 — Ferroxcube VK–200 — 19/4B
R1 — 68
Ω, 1.0 W Thin Film
R2 — 10 k
Ω, 1/4 W
R3 — 10 Turns, 10 k
Ω Beckman Instruments 8108
R4 — 1.8 k
Ω, 1/2 W
R5 — 1.0 M
Ω, 2.0 W Carbon
Board — G10, 62 mils
R3*
R4
L4
L3
L1
L2
D1
C8
C9
C10
C11
C12
C4
C3
C6
C5
R2
C2
C1
RF INPUT
RF OUTPUT
+VDD = 28 V
DUT
R5
+
-
C7
R1
*Bias Adjust
2
REV 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com