Electronic Components Datasheet Search
  English  ▼

X  

MRF134 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF134
Description  N.CHANNEL MOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF134 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF134 Datasheet HTML 1Page - Tyco Electronics MRF134 Datasheet HTML 2Page - Tyco Electronics MRF134 Datasheet HTML 3Page - Tyco Electronics MRF134 Datasheet HTML 4Page - Tyco Electronics MRF134 Datasheet HTML 5Page - Tyco Electronics MRF134 Datasheet HTML 6Page - Tyco Electronics MRF134 Datasheet HTML 7Page - Tyco Electronics MRF134 Datasheet HTML 8Page - Tyco Electronics MRF134 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
Figure 7. Output Power versus Supply Voltage
10
8
6
4
2
0
1000
800
600
400
200
0
Pin, INPUT POWER (MILLWATTS)
5
4
3
2
1
0
1000
800
600
400
200
0
Pin, INPUT POWER (MILLWATTS)
8
6
4
2
0
14
12
VDD, SUPPLY VOLTAGE (VOLTS)
16
18
20
22
24
26
28
8
6
4
2
0
14
12
VDD, SUPPLY VOLTAGE (VOLTS)
16
18
20
22
24
26
28
8
6
4
2
0
14
12
VDD, SUPPLY VOLTAGE (VOLTS)
16
18
20
22
24
26
28
8
6
4
2
0
14
12
VDD, SUPPLY VOLTAGE (VOLTS)
16
18
20
22
24
26
28
150
400
225
150
225
400
Pin = 600 mW
300 mW
150 mW
IDQ = 50 mA
f = 100 MHz
Pin = 800 mW
400 mW
200 mW
IDQ = 50 mA
f = 150 MHz
Pin = 800 mW
400 mW
200 mW
IDQ = 50 mA
f = 225 MHz
Pin = 800 mW
IDQ = 50 mA
f = 400 MHz
400 mW
200 mW
f = 100 MHz
f = 100 MHz
VDD = 13.5 V
IDQ = 50 mA
VDD = 28 V
IDQ = 50 mA
3
REV 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com