Electronic Components Datasheet Search
  English  ▼

X  

MRF134 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF134
Description  N.CHANNEL MOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF134 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF134 Datasheet HTML 1Page - Tyco Electronics MRF134 Datasheet HTML 2Page - Tyco Electronics MRF134 Datasheet HTML 3Page - Tyco Electronics MRF134 Datasheet HTML 4Page - Tyco Electronics MRF134 Datasheet HTML 5Page - Tyco Electronics MRF134 Datasheet HTML 6Page - Tyco Electronics MRF134 Datasheet HTML 7Page - Tyco Electronics MRF134 Datasheet HTML 8Page - Tyco Electronics MRF134 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 8. Output Power versus Gate Voltage
Figure 9. Drain Current versus Gate Voltage
(Transfer Characteristics)
Figure 10. Gate–Source Voltage versus
Case Temperature
Figure 11. Maximum Available Gain
versus Frequency
Figure 12. Capacitance versus Voltage
Figure 13. Maximum Rated Forward Biased
Safe Operating Area
6
5
4
3
2
0
-2
0
VGS, GATE-SOURCE VOLTAGE (VOLTS)
1
-1
12
3
4
5
500
0
VGS, GATE-SOURCE VOLTAGE (VOLTS)
12
3
4
5
400
300
200
100
67
8
1.02
-25
TC, CASE TEMPERATURE (°C)
0
25
50
75
100
125
150
1
0.98
0.96
0.94
0.92
0.9
50
f, FREQUENCY (MHz)
1
10
100
1000
40
30
20
10
0
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
0
28
24
20
16
12
8
4
0
4
8
12
16
20
24
28
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
1
1
2
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
5
10
20
50 70 100
VDD = 28 V
IDQ = 50 mA
Pin = CONSTANT
f = 400 MHz
150 MHz
TYPICAL DEVICE SHOWN,
VGS(th) = 3.5 V
VDS = 10 V
TYPICAL DEVICE SHOWN,
VGS(th) = 3.5 V
VDD = 28 V
IDQ = 200 mA
100 mA
50 mA
GMAX =
|S21|2
(1 - |S11|2) (1 - |S22|2)
VDS = 28 V
ID = 100 mAdc
VGS = 0 V
f = 1 MHz
Coss
Ciss
Crss
TC = 25°C
0
4
REV 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com