Electronic Components Datasheet Search
  English  ▼

X  

MRF134 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF134
Description  N.CHANNEL MOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF134 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button MRF134 Datasheet HTML 2Page - Tyco Electronics MRF134 Datasheet HTML 3Page - Tyco Electronics MRF134 Datasheet HTML 4Page - Tyco Electronics MRF134 Datasheet HTML 5Page - Tyco Electronics MRF134 Datasheet HTML 6Page - Tyco Electronics MRF134 Datasheet HTML 7Page - Tyco Electronics MRF134 Datasheet HTML 8Page - Tyco Electronics MRF134 Datasheet HTML 9Page - Tyco Electronics MRF134 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
f
S11
S21
S12
S22
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
625
0.619
–142
2.334
58
0.128
5.0
0.818
–129
650
0.617
–144
2.259
56
0.125
6.0
0.824
–130
675
0.618
–146
2.192
55
0.123
7.0
0.834
–130
700
0.619
–147
2.124
53
0.122
8.0
0.851
–131
725
0.618
–150
2.061
51
0.120
9.0
0.859
–132
750
0.614
–152
1.983
49
0.118
11
0.857
–133
775
0.609
–154
1.908
48
0.119
13
0.865
–133
800
0.562
–155
1.877
49
0.118
15
0.872
–133
825
0.587
–156
1.869
46
0.119
16
0.869
–134
850
0.593
–158
1.794
44
0.118
18
0.875
–135
875
0.597
–160
1.749
43
0.119
18
0.881
–135
900
0.598
–162
1.700
41
0.118
18
0.889
–136
925
0.592
–164
1.641
40
0.115
18
0.888
–138
950
0.588
–166
1.590
39
0.112
20
0.877
–138
975
0.586
–168
1.572
39
0.108
23
0.864
–137
1000
0.590
–171
1.551
37
0.107
28
0.863
–137
The Power RF characterization data were measured with a 68 ohm resistor shunting the MRF134 input port. The scattering parameters were
measurd on the MRF134 device alone with no external components.
Table 1. Common Source Scattering Parameters (continued)
VDS = 28 V, ID = 100 mA
7
REV 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com